Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5441 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5441
Description  12-Bit Serial Input Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5441 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5441 Datasheet HTML 8Page - Analog Devices AD5441 Datasheet HTML 9Page - Analog Devices AD5441 Datasheet HTML 10Page - Analog Devices AD5441 Datasheet HTML 11Page - Analog Devices AD5441 Datasheet HTML 12Page - Analog Devices AD5441 Datasheet HTML 13Page - Analog Devices AD5441 Datasheet HTML 14Page - Analog Devices AD5441 Datasheet HTML 15Page - Analog Devices AD5441 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD5441
Preliminary Technical Data
Rev. PrA | Page 12 of 16
BIPOLAR 4-QUADRANT MULTIPLYING
Figure 22 shows a suggested circuit to achieve 4-quadrant
multiplying operation. The summing amplifier multiplies VOUT1
by 2 and offsets the output with the reference voltage so that a
midscale digital input code of 2048 places VOUT2 at 0 V. The
negative full-scale voltage will be VREF when the DAC is loaded
with all zeros. The positive full-scale output will be −(VREF − 1
LSB) when the DAC is loaded with all ones. Therefore, the
digital coding is offset binary. The voltage output transfer
equation for various input data and reference (or signal) values
follows
VOUT2 = (D/2048 − 1) − VREF
where:
D is the decimal data loaded into the DAC register.
VREF is the externally applied reference voltage source.
NOTES
1. R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
ADJUST R1 FOR VOUT = 0V WITH CODE 10000000 LOADED TO DAC.
2. MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS
R3 AND R4.
3. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
IF A1/A2 IS A HIGH SPEED AMPLIFIER.
RFB
IOUT1
GND
CLK
SRI
VREF
±10V
VREF
R1
LD
AD5441
VDD
VDD
AGND
C1
A1
A2
R2
VOUT =–VREF TO +VREF
μCONTROLLER
R3
20kΩ
R4
10kΩ
R5
20kΩ
Figure 22. Bipolar (4-Quadrant) Operation
INTERFACE LOGIC INFORMATION
The AD5441 has been designed for ease of operation. The
timing diagram in Figure 5 illustrates the input register loading
sequence. Note that the most significant bit (MSB) is loaded
first. Once the 12-bit input register is full, the data is transferred
to the DAC register by taking LD momentarily low.
DIGITAL SECTION
The AD5441’s digital inputs, SRI, LD, and CLK, are TTL
compatible. The input voltage levels affect the amount of
current drawn from the supply; peak supply current occurs as
the digital input (VIN) passes through the transition region. See
Figure 8 for the supply current vs. logic input voltage graph.
Maintaining the digital input voltage levels as close as possible
to the supplies, VDD and GND, minimizes supply current
consumption. The AD5441’s digital inputs have been designed
with ESD resistance incorporated through careful layout and
the inclusion of input protection circuitry. Figure 23 shows the
input protection diodes and series resistor; this input structure
is duplicated on each digital input. High voltage static charges
applied to the inputs are shunted to the supply and ground rails
through forward-biased diodes. These protection diodes were
designed to clamp the inputs to well below dangerous levels
during static discharge conditions.
VDD
LD, CLK, SRI
GND
5kΩ
Figure 23. Digital Input Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com