Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5441 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5441
Description  12-Bit Serial Input Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5441 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5441 Datasheet HTML 7Page - Analog Devices AD5441 Datasheet HTML 8Page - Analog Devices AD5441 Datasheet HTML 9Page - Analog Devices AD5441 Datasheet HTML 10Page - Analog Devices AD5441 Datasheet HTML 11Page - Analog Devices AD5441 Datasheet HTML 12Page - Analog Devices AD5441 Datasheet HTML 13Page - Analog Devices AD5441 Datasheet HTML 14Page - Analog Devices AD5441 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
AD5441
Rev. PrA | Page 11 of 16
PARAMETER DEFINITIONS
GENERAL CIRCUIT INFORMATION
The AD5441 is a 12-bit multiplying DAC with a low
temperature coefficient. It contains an R-2R resistor ladder
network, data input and control logic, and two data registers.
The digital circuitry forms an interface in which serial data can
be loaded under microprocessor control into a 12-bit shift
register and then transferred, in parallel, to the 12-bit DAC
register.
The analog portion of the AD5441 contains an inverted R-2R
ladder network consisting of silicon-chrome, highly stable
(50 ppm/°C), thin-film resistors, and 12 pairs of NMOS
current-steering switches, see Figure 20. These switches steer
binarily weighted currents into either IOUT or GND; this yields a
constant current in each ladder leg, regardless of digital input
code. This constant current results in a constant input resistance
at VREF equal to R. The VREF input may be driven by any
reference voltage or current, ac or dc that is within the limits
stated in the Absolute Maximum Ratings.
10kΩ
S1
20kΩ
S2
20kΩ
10kΩ
S3
20kΩ
10kΩ
S12
20kΩ
20kΩ
*
10kΩ
BIT 1 (MSB)
BIT 2
BIT 3
BIT 12 (LSB)
RFEEDBACK
VREF
IOUT
GND
DIGITAL INPUTS
*THESE SWITCHES PERMANENTLY ON.
NOTES
1. SWITCHES SHOWN FOR DIGITAL INPUTS HIGH.
*
Figure 20. Simplified DAC Circuit
The 12 output current steering NMOS FET switches are in
series with each R-2R resistor.
To further ensure accuracy across the full temperature range,
permanently on MOS switches were included in series with the
feedback resistor and the R-2R ladder’s terminating resistor.
Figure 20 shows the location of the series switches. During any
testing of the resistor ladder or RFEEDBACK (such as incoming
inspection), VDD must be present to turn on these series
switches.
OUTPUT IMPEDANCE
The AD5441’s output resistance, as in the case of the output
capacitance, varies with the digital input code. This resistance,
looking back into the IOUT terminal, may be between 10 kΩ, the
feedback resistor alone when all digital inputs are low, and
7.5 kΩ, the feedback resistor in parallel with approximate 30 kΩ
of the R-2R ladder network resistance when any single bit logic
is high. Static accuracy and dynamic performance will be
affected by these variations.
APPLICATIONS INFORMATION
In most applications, linearity depends upon the potential of
the IOUT and GND pins being at the same voltage potential. The
DAC is connected to an external precision op amp inverting
input. The external amplifiers noninverting input should be tied
directly to ground without the usual bias current compensating
resistor (see Figure 21 and Figure 22). The selected amplifier
should have a low input bias current and low drift over
temperature. The amplifiers input offset voltage should be
nulled to less than 200 mV (less than 10% of 1 LSB). All
grounded pins should tie to a single common ground point to
avoid ground loops. The VDD power supply should have a low
noise level with adequate bypassing. It is best to operate the
AD5441 from the analog power supply and grounds.
UNIPOLAR 2-QUADRANT MULTIPLYING
The most straightforward application of the AD5441 is in the
2-quadrant multiplying configuration shown in Figure 21.
If the reference input signal is replaced with a fixed dc voltage
reference, the DAC output will provide a proportional dc
voltage output according to the transfer equation
VOUT = −D/4096 × VREF
where:
D is the decimal data loaded into the DAC register.
VREF is the externally applied reference voltage source.
RFB
IOUT1
GND
CLK
SRI
VREF
VREF
R1
LD
AD5441
VDD
VDD
AGND
C1
A1
R2
VOUT =0 TO –VREF
NOTES
1. R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
2. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
μCONTROLLER
Figure 21. Unipolar (2-Quadrant) Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com