Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC8143FN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC8143FN
Description  Improved Industry Standard Serial 12-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC8143FN Datasheet(HTML) 1 Page - Linear Technology

  LTC8143FN Datasheet HTML 1Page - Linear Technology LTC8143FN Datasheet HTML 2Page - Linear Technology LTC8143FN Datasheet HTML 3Page - Linear Technology LTC8143FN Datasheet HTML 4Page - Linear Technology LTC8143FN Datasheet HTML 5Page - Linear Technology LTC8143FN Datasheet HTML 6Page - Linear Technology LTC8143FN Datasheet HTML 7Page - Linear Technology LTC8143FN Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC7543/LTC8143
Improved Industry Standard
Serial 12-Bit Multiplying DACs
s
Improved Direct Replacement for AD7543
and DAC-8143
s
Low Cost
s
DNL and INL Over Temperature:
±0.5LSB
s
Easy, Fast and Flexible Serial Interface
s
Daisy-Chain 3-Wire Interface for Multiple DAC
Systems (LTC8143)
s
1LSB Maximum Gain Error Over Temperature
Eliminates Adjustment
s
Asynchronous Clear Input for Initialization
s
Four-Quadrant Multiplication
s
Low Power Consumption
s
16-Pin PDIP and SO Packages
The LTC
®7543/LTC8143 are serial-input 12-bit multiply-
ing digital-to-analog converters (DACs). They are superior
pin compatible replacements for the AD7543 and
DAC-8143. Improvements include better accuracy, better
stability over temperature and supply variations, lower
sensitivity to output amplifier offset, tighter timing speci-
fications and lower output capacitance.
An easy-to-use serial interface includes an asynchronous
CLEAR input for systems requiring initialization to a known
state. The LTC8143 has a serial data output to allow daisy-
chaining multiple DACs on a 3-wire interface bus.
These DACs are extremely versatile. They can be used for
2-quadrant and 4-quadrant multiplying, programmable
gain and single supply applications, such as noninverting
voltage output and biased or offset ground mode.
Parts are available in 16-pin PDIP and SO packages and
are specified over the extended industrial temperature
range, – 40
°C to 85°C.
FEATURES
DESCRIPTION
s
Process Control and Industrial Automation
s
Remote Microprocessor-Controlled Systems
s
Digitally Controlled Filters and Power Supplies
s
Programmable Gain Amplifiers
s
Automatic Test Equipment
APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
Multiplying DAC Has Easy 3-Wire Serial Interface
VDD VREF
LTC7543
LTC8143
RFB
AGND
DGND
3
12
4
7
5
2
14
5V
VIN
CLOCK
DATA
LOAD
STB1
SRI
LD1
15
16
1
OUT 1
33pF
VOUT
7543/8143 TA01
OUT 2
LT
®1097
Integral Nonlinearity Over Temperature
DIGITAL INPUT CODE
0
4095
7543/8143 TA02
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3584
TA = 85°C
TA = 25°C
TA = –40°C


Similar Part No. - LTC8143FN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC8143 LINER-LTC8143 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
More results

Similar Description - LTC8143FN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
Serial 16-Bit Multiplying DACs
LTC7541A LINER-LTC7541A Datasheet
171Kb / 4P
Improved Industry Standard CMOS 12-Bit Multiplying DAC
LTC7545A LINER-LTC7545A Datasheet
206Kb / 8P
Improved Industry Standard Parallel 12-Bit Multiplying DAC
LTC7541A LINER-LTC7541A_15 Datasheet
170Kb / 4P
Improved Industry Standard CMOS 12-Bit Multiplying DAC
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC7545A LINER-LTC7545A_15 Datasheet
160Kb / 8P
Improved Industry Standard Parallel 12-Bit Multiplying DAC
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com