Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC8143FN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC8143FN
Description  Improved Industry Standard Serial 12-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC8143FN Datasheet(HTML) 6 Page - Linear Technology

  LTC8143FN Datasheet HTML 1Page - Linear Technology LTC8143FN Datasheet HTML 2Page - Linear Technology LTC8143FN Datasheet HTML 3Page - Linear Technology LTC8143FN Datasheet HTML 4Page - Linear Technology LTC8143FN Datasheet HTML 5Page - Linear Technology LTC8143FN Datasheet HTML 6Page - Linear Technology LTC8143FN Datasheet HTML 7Page - Linear Technology LTC8143FN Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC7543/LTC8143
TRUTH TABLES
Table 1. LTC7543/LTC8143 Input Register
CONTROL INPUTS
Input Register Operation
STB1 STB2 STB3 STB4
(LTC8143: SRO Operation)
0
1
0
Serial Data Bit on SRI Loaded into Input
0
1
0
Register, MSB First
0
0
0
(LTC8143: Data Bit or SRI Appears on
0
0
1
SRO Pin After 12 Clocked Bits)
1
X
X
X
No Input Register Operation
X
1
X
X
(LTC8143: No SRO Operation)
X
X0X
XXX
1
Table 2. LTC7543/LTC8143 DAC Register
CONTROL INPUTS
CLR
LD1
LD2
DAC Register Operation
0
X
X
Reset DAC Register to All 0s (Asynchronous
Operation; No Effect on Input Register)
1
1
X
No DAC Register Operation
1X
1
1
0
0
Load DAC Register with the Contents of Input
Register
TYPICAL APPLICATIONS
VDD VREF
LTC7543
LTC8143
RFB
AGND
DGND
3
12
10
4
7
5
6
9
8
11
2
14
13
5V
VREF
–10V TO 10V
TO NEXT DAC
FOR DAISY-CHAINING
(LTC8143)
15
16
1
OUT 1
33pF
0.1
µF
VOUT
0V TO –VREF
7543/8143 TA03
OUT 2
LT1097
CLR
STB3
STB1
SRI
LD1
SRO (LTC8143)
LD2
STB2
STB4
µP
Unipolar Operation (2-Quadrant Multiplication)
DIGITAL INPUT
BINARY NUMBER IN
ANALOG OUTPUT
DAC REGISTER
VOUT
MSB
LSB
1111
1111
1111
– VREF (4095/4096)
1000
0000
0000
– VREF (2048/4096) = – VREF/2
0000
0000
0001
– VREF (1/4096)
0000
0000
0000
0V
Unipolar Binary Code Table



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com