Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB1188P-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DB1188P-13
Description  32V PNP MEDIUM POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1188P-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  2DB1188P-13 Datasheet HTML 1Page - Diodes Incorporated 2DB1188P-13 Datasheet HTML 2Page - Diodes Incorporated 2DB1188P-13 Datasheet HTML 3Page - Diodes Incorporated 2DB1188P-13 Datasheet HTML 4Page - Diodes Incorporated 2DB1188P-13 Datasheet HTML 5Page - Diodes Incorporated 2DB1188P-13 Datasheet HTML 6Page - Diodes Incorporated 2DB1188P-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2DB1188P/Q/R
Document number: DS31144 Rev. 7 - 2
1 of 7
www.diodes.com
February 2013
© Diodes Incorporated
2DB1188P/Q/R
32V PNP MEDIUM POWER TRANSISTOR IN SOT89
Features
BVCEO > -32V
IC = -2A high Continuous Current
Low saturation voltage VCE(sat) < 800mV @ 2A
Complementary NPN Type: 2DD1766
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT89
Case material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.052 grams (approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
2DB1188P-13
P23P
13
12
2,500
2DB1188Q-13
P23Q
13
12
2,500
2DB1188Q-13R
P23Q
13
12
4,000
2DB1188R-13
P23R
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green"
and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
P23x = Product Type Marking Code
Where P23P = 2DB1188P
P23Q = 2DB1188Q
P23R = 2DB1188R
= Manufacturers’ code marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 1 = 2011)
WW = Week Code (01 – 53)
Top View
Device Symbol
Pin Out – Top View
SOT89
C
E
B
C
E
C
B


Similar Part No. - 2DB1188P-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1188P-13 DIODES-2DB1188P-13 Datasheet
235Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31144 Rev. 4 - 2
2DB1188P-13 DIODES-2DB1188P-13 Datasheet
151Kb / 6P
40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
Rev 5
More results

Similar Description - 2DB1188P-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
100V PNP medium power transistor in SOT89
FEBRUARY 2008
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
40V PNP medium power transistor in SOT89
DECEMBER 2007
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
32V PNP MEDIUM POWER TRANSISTOR IN TO252
Rev 3
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
BSR33 DIODES-BSR33_15 Datasheet
294Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
2DB1386Q DIODES-2DB1386Q_15 Datasheet
267Kb / 6P
20V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 7
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX591 DIODES-FCX591_15 Datasheet
437Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
ZXTP19100CZ DIODES-ZXTP19100CZ_15 Datasheet
464Kb / 8P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
BCX6925 DIODES-BCX6925 Datasheet
627Kb / 4P
20V PNP MEDIUM POWER TRANSISTOR IN SOT89
January 2022 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com