Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1011 Datasheet(PDF) 2 Page - Linear Technology

Part # RH1011
Description  Voltage Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1011 Datasheet(HTML) 2 Page - Linear Technology

  RH1011 Datasheet HTML 1Page - Linear Technology RH1011 Datasheet HTML 2Page - Linear Technology RH1011 Datasheet HTML 3Page - Linear Technology RH1011 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
RH1011
– 55°C T A 125°C
(Preirradiation) (Note 10)
TABLE 1: ELECTRICAL CHARACTERISTICS
TA = 25°C
SUB-
SUB-
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
VOS
Input Offset Voltage
3
1.5
1
3.0
2,3
mV
RS 50k
4
2.0
1
3.0
2,3
mV
IOS
Input Offset Curret
4
4
1
6
2,3
nA
IB
Input Bias Current
3
50
1
80
2,3
nA
4
65
1
80
2,3
nA
V OS
Input Offset Voltage Drift
TMIN T T MAX
5,9
25
µV/°C
T
AVOL
Large Signal Voltage Gain
R = 1k to 15V,
200
4
V/mV
– 10V V OUT 14.5V
R = 500 to 5V,
50
4
V/mV
0.5V V OUT 4.5V
CMRR
Common Mode Rejection
90
1
dB
Ratio
Input Voltage Range
VS = ± 15V
8,9
– 14.5
13
– 14.5
13
V
VS = Single 5V
8,9
0.5
3.0
0.5
3.0
V
td
Response Time
6,9
250
ns
VOL
Output Saturation Voltage
VIN = 5mV, ISINK = 8mA
0.4
1
0.5
2,3
V
V1 = 0V, ISINK = 50mA
1.5
1
1.5
2,3
V
Output Leakage Current
VIN = 5mV, V1 = – 15V,
10
1
500
2,3
nA
VOUT = 20V
Positive Supply Current
4.0
1
mA
Negative Supply Current
2.5
1
mA
Strobe Current
Minimum to Ensure Output
7,9
500
µA
Transisor is Turned Off
Input Capacitance
6
pF
10Krad(Si)
20Krad(Si)
50Krad(Si) 100Krad(Si) 200Krad(Si)
SYMBOL PARAMETER
CONDITIONS
NOTES MIN
MAX
MIN
MAX
MIN MAX
MIN
MAX MIN
MAX UNITS
VOS
Input Offset Voltage
1.5
1.5
1.5
1.5
2
mV
IOS
Input Offset Current
4
4
4
20
50
nA
IB
Input Bias Current
50
100
150
200
300
nA
AVOL
Large-Signal Voltage Gain
R = 1k to 15V
200
200
150
100
50
V/mV
– 10V V OUT 14.5V
CMRR
Common Mode Rejection
90
90
90
90
86
dB
Ratio
Input Voltage Range
VS = ± 15V
8,9
– 14.5
13
– 14.5
13
– 14.5
13
– 14.5
13
– 14.5
13
V
VS = Single 5V
0.5
3.0
0.5
3.0
0.5
3.0
0.5
3.0
0.5
3.0
V
VOL
Output Saturation Voltage
VIN = 5mV, ISINK = 8mA
0.4
0.4
0.4
0.4
0.4
V
VIN = 0V, ISINK = 50mA
1.5
1.5
1.5
1.5
1.5
V
Output Leakage Current
VIN = 5mV, V1 = – 15V
10
10
100
100
100
nA
VOUT = 20V
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation) (Note 10)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com