Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1011 Datasheet(PDF) 3 Page - Linear Technology

Part # RH1011
Description  Voltage Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1011 Datasheet(HTML) 3 Page - Linear Technology

  RH1011 Datasheet HTML 1Page - Linear Technology RH1011 Datasheet HTML 2Page - Linear Technology RH1011 Datasheet HTML 3Page - Linear Technology RH1011 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
RH1011
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TABLE 1A: ELECTRICAL CHARACTERISTICS
10Krad(Si)
20Krad(Si)
50Krad(Si) 100Krad(Si) 200Krad(Si)
SYMBOL PARAMETER
CONDITIONS
NOTES MIN
MAX
MIN
MAX
MIN MAX
MIN
MAX MIN
MAX UNITS
Positive Supply Current
4.0
4.0
4.0
4.0
4.0
mA
Negative Supply Current
2.5
2.5
2.5
2.5
2.5
mA
Strobe Current
Minimum to Ensure Output
7,9
500
500
500
500
500
µA
Transistor is Truned Off
Input Capacitance
6 (Typ)
6 (Typ)
6 (Typ)
6 (Typ)
6 (Typ)
pF
(Postirradiation) (Note 10)
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3,4
Group A Test Requirements (Method 5005)
1,2,3,4
Group C and D End Point Electrical Parameters
1
(Method 5005)
* PDA Applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883 Class B. The verified failures (including Delta
parameters) of group A, subgroup 1, after burn-in divided by the total
number of devices submitted for burn-in in that lot shall be used to
determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TABLE 2: ELECTRICAL TEST REQUIRE E TS
Note 1: Inputs may be clamped to supplies with diodes so that maximum
input voltage actually exceeds supply voltage by one diode drop. See Input
Protection discussion in the LT
®1011 data sheet.
Note 2: TJMAX = 150°C.
Note 3: Output is sinking 1.5mA with VOUT = 0V.
Note 4: These specifications apply for all supply voltages from a single 5V
to ± 15V, the entire input voltage range and for both high and low output
states. The high state is ISINK 100µA, V OUT (V
+ – 1V) and the low state
is ISINK 0.8V. Therefore, this specication defines a worst-case error band
that includes effects due to common mode signals, voltage gain and
output load.
Note 5: Drift is calculated by dividing the offset difference measured at
minimum and maximum temperatures by the temperature difference.
Note 6: Response time is measured with a 100mV step and 5V overdrive.
The output load is a 500 resistor tied to 5V. Time measurement is taken
when the output crosses 1.4V.
Note 7: Do not short the STROBE pin to ground. It should be current
driven at 3mA to 5mA for the shortest strobe time. Currents as low as
500µA will strobe the RH1011 if speed is not important. External leakage
on the STROBE pin in excess of 0.2µA when the strobe is “off ” can cause
offset voltage shifts.
Note 8: See graph, Input Offset Voltage vs Common Mode Voltage on the
LT1011 data sheet.
Note 9: Guaranteed by design, characterization or correlation to other
tested parameters.
Note 10: VS = ± 15V, VCM = 0V, RS = 0 , T A = 25°C, V1 = – 15V, output at
Pin 7, unless otherwise noted.
–
+
12V
5.1k
–12V
RH1011 TDBC
2
3
4
1
7
8
12
Ω
12
Ω
5.1k
TOTAL DOSE BIAS CIRCUIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com