Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT40VC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT40VC
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT40VC Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT40VC_15 Datasheet HTML 1Page - Diodes Incorporated BAT40VC_15 Datasheet HTML 2Page - Diodes Incorporated BAT40VC_15 Datasheet HTML 3Page - Diodes Incorporated BAT40VC_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT40VC
Document number: DS30637 Rev. 6 - 2
1 of 4
www.diodes.com
October 2010
© Diodes Incorporated
BAT40VC
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Features
•
Low Forward Voltage Drop
•
Fast Switching
•
Ultra-Small Surface Mount Package
•
PN Junction Guard Ring for Transient and ESD Protection
•
Lead Free by Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-563
•
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Weight: 0.003 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
BAT40VC-7
SOT-563
3000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Bottom View
Device Schematic
C1
A
1
NC
NC
C2
A
2
AXK = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: R = 2004)
M = Month (ex: 9 = September)
AXK
YM


Similar Part No. - BAT40VC_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT40VC DIODES-BAT40VC_10 Datasheet
93Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30637 Rev. 6 - 2
More results

Similar Description - BAT40VC_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70TW DIODES-BAS70TW Datasheet
56Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30158 Rev. E-1
logo
Jiangsu Changjiang Elec...
FBAS70BRW JIANGSU-FBAS70BRW Datasheet
212Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-05 JIANGSU-FBAS70DW-05 Datasheet
209Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-06 JIANGSU-FBAS70DW-06 Datasheet
212Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW_1 Datasheet
94Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
BAT54V DIODES-BAT54V_1 Datasheet
88Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30560 Rev. 4 - 2
BAT40V DIODES-BAT40V_08 Datasheet
122Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30533 Rev. 7 - 2
BAS40TW DIODES-BAS40TW_15 Datasheet
131Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev erse
BAT54SDWQ DIODES-BAT54SDWQ Datasheet
319Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev 1
BAT54SDWQ DIODES-BAT54SDWQ_V01 Datasheet
408Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
November 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com