Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT40VC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT40VC
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT40VC Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT40VC_15 Datasheet HTML 1Page - Diodes Incorporated BAT40VC_15 Datasheet HTML 2Page - Diodes Incorporated BAT40VC_15 Datasheet HTML 3Page - Diodes Incorporated BAT40VC_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT40VC
Document number: DS30637 Rev. 6 - 2
2 of 4
www.diodes.com
October 2010
© Diodes Incorporated
BAT40VC
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current (Note 4)
IF
200
mA
Repetitive Peak Forward Current (Note 4)
IFRM
350
mA
Forward Surge Current (Note 4) @tp =10ms
IFSM
750
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
150
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
40
⎯
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
⎯
330
420
800
1000
mV
IF = 2.0mA
IF = 15mA
IF = 100mA
IF = 200mA
Reverse Leakage Current (Note 5)
IR
⎯
⎯
500
nA
VR = 25V
Total Capacitance
CT
⎯
⎯
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100Ω
Notes:
4. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C.
5. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com