Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH111 Datasheet(PDF) 1 Page - Linear Technology

Part # RH111
Description  Voltage Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH111 Datasheet(HTML) 1 Page - Linear Technology

  RH111 Datasheet HTML 1Page - Linear Technology RH111 Datasheet HTML 2Page - Linear Technology RH111 Datasheet HTML 3Page - Linear Technology RH111 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RH111
Voltage Comparator
The RH111 is a general purpose voltage comparator. The
RH111 offers maximum input offset voltage of 3mV and
input offset current of 10nA with a typical response time
of 200ns. The RH111 can operate from a single 5V supply
to
±15V supplies and can drive up to 50mA loads referred
to ground or either supply. A separate output Ground pin
allows output signals to be isolated from analog ground.
The wafer lots are processed to the requirements of
MIL-STD-883 Class S to yield circuits usable in precision
space applications.
Supply Voltage (Pin 8 to Pin 4)................................ 36V
Output to Negative Supply (Pin 7 to Pin 4) .............. 35V
Ground to Negative Supply (Pin 1 to Pin 4) ............. 30V
Differential Input Voltage ......................................... 35V
Voltage at Strobe Pin (Pin 6 to Pin 8) ........................ 5V
Input Voltage (Note 1) ...........................................
±15V
Output Short-Circuit Duration ............................. 10 sec
Operating Temperature
Range (Note 2) ................................ – 55
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
DESCRIPTIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
, LTC and LT are registered trademarks of Linear Technology Corporation.
BUR -I CIRCUIT
TOP VIEW
OUT
V–
GND
+IN
BALANCE/
STROBE
BALANCE
–IN
V+
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
–
+
1
2
3
4
8
7
6
5
TOP VIEW
GND
+IN
–IN
V –
V+
OUT
BALANCE/
STROBE
BALANCE
J8 PACKAGE
8-LEAD CERDIP
TOP VIEW
W PACKAGE
10-LEAD CERPAC
1
5
4
3
2
10
6
7
8
9
GND
+IN
–IN
NC
V––
V+
OUTPUT
NC
BAL/STROBE
BAL
PACKAGE/ORDER I FOR ATIO
OR
–
+
7
5
18V
–18V
8
2
50k
50k
50k
1.3k
200
Ω
3
4
1
RH111 BI01
–
+
7
2V
15V
–15V
8
2
100k
604
Ω
3
4
1
RH111 BI02
Note: For ordering information contact LTC.


Similar Part No. - RH111

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH111 LINER-RH111_15 Datasheet
63Kb / 4P
Voltage Comparator
More results

Similar Description - RH111

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
Voltage comparator
August 31, 1994
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com