Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH111 Datasheet(PDF) 3 Page - Linear Technology

Part # RH111
Description  Voltage Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH111 Datasheet(HTML) 3 Page - Linear Technology

  RH111 Datasheet HTML 1Page - Linear Technology RH111 Datasheet HTML 2Page - Linear Technology RH111 Datasheet HTML 3Page - Linear Technology RH111 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
RH111
Note 1: Applicable for
±15V supplies. The positive input voltage limit is
30V above the negative supply. The negative input voltage limit is the
negative supply.
Note 2: TJMAX = 150°C
Note 3: Offset voltage, offset current and bias current specifications apply
for any supply voltage from a single 5V up to
±15V supplies.
Note 4: Offset voltage and offset currents shown are the maximum values
required to drive the output within a volt of either supply with a 1mA load.
These parameters define an error band and take into account the worst-
case effects of voltage gain and input impedance.
Note 5: Response time is specified for a 100mV input step with 5mV
overdrive with the collector output terminated with a 500
Ω pull-up resistor
tied to 5V.
Note 6: Do not short the Strobe pin to ground. It should be current driven
at 3mA to 5mA for the shortest strobe time. Currents as low as 500
µA will
strobe the RH111 if speed is not important. External leakage on the Strobe
pin in excess of 0.2
µA when the strobe is “off” can cause offset voltage
shifts.
Note 7: RL = 1k, – 10V ≤ VOUT ≤ 14.5V
Note 8: VS = ±15V, unless otherwise noted.
Note 9: VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3,4
Group A Test Requirements (Method 5005)
1,2,3,4
Group C and D End Point Electrical Parameters
1
(Method 5005)
* PDA Applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883 Class B. The verified failures of group A, subgroup
1, after burn-in divided by the total number of devices submitted for burn-
in in that lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TABLE 2: ELECTRICAL TEST REQUIRE E TS
TOTAL DOSE BIAS CIRCUIT
–
+
12V
–12V
47k
12
Ω
12
Ω
5.1k
RH111 TA01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com