Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH119 Datasheet(PDF) 4 Page - Linear Technology

Part # RH119
Description  High Performance Dual Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH119 Datasheet(HTML) 4 Page - Linear Technology

  RH119 Datasheet HTML 1Page - Linear Technology RH119 Datasheet HTML 2Page - Linear Technology RH119 Datasheet HTML 3Page - Linear Technology RH119 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
RH119
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1990
LT/HP 0896 REV A 500 • PRINTED IN USA
I.D. No. 66-10-0176 Rev. A 0896
TYPICAL PERFORMANCE CHARACTERISTICS
Input Offset Voltage
Input Offset Current
Input Bias Current
Input Offset Voltage
Common Mode Rejection Ratio
Open-Loop Gain
TOTAL DOSE KRAD (Si)
1
6
4
2
0
–2
–4
–6
10
100
1000
RH119 G06
VS = ±15V
RS = 50Ω
TOTAL DOSE KRAD (Si)
1
150
140
130
120
110
100
90
10
100
1000
RH119 G05
VS = ±15V
TOTAL DOSE KRAD (Si)
1
70
60
50
40
30
20
10
10
100
1000
RH119 G04
VS = ±15V
TOTAL DOSE KRAD (Si)
1
6
4
2
0
–2
–4
–6
10
100
1000
RH119 G01
VS = ±15V
VCM = 0V
RS = 5k
TOTAL DOSE KRAD (Si)
1
2000
1600
1200
800
400
0
10
100
1000
RH119 G02
VS = ±15V
VCM = 0V
TOTAL DOSE KRAD (Si)
1
500
400
300
200
100
0
–100
10
100
1000
RH119 G03
VS = ±15V
VCM = 0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com