Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH119 Datasheet(PDF) 1 Page - Linear Technology

Part # RH119
Description  High Performance Dual Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH119 Datasheet(HTML) 1 Page - Linear Technology

  RH119 Datasheet HTML 1Page - Linear Technology RH119 Datasheet HTML 2Page - Linear Technology RH119 Datasheet HTML 3Page - Linear Technology RH119 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RH119
High Performance
Dual Comparator
The RH119 dual comparator features low input offset
voltage and offset current, high voltage gain, guaranteed
common mode rejection and input protection diodes.
The RH119 is capable of operation over a supply range
from 5V to ±15V and can drive 25mV leads from each open
collector output. A separate GND pin allows the RH119 to
isolate system grounds.
The wafer lots are processed to Linear Technology’s in-
house Class S flow to yield circuits usable in stringent
military applications.
Supply Voltage ........................................................ 36V
Output to Negative Supply Voltage ......................... 36V
Ground to Negative Supply Voltage ........................ 25V
Ground to Positive Supply Voltage ......................... 18V
Diffierential Input Voltage ....................................... ± 5V
Differential Input Current ...................................... ± 5mA
Input Voltage (See Note 1)
Output Short-Circuit Duration ............................. 10 sec
Operating Temperature Range .............. – 55°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
BUR -I CIRCUIT
TOP VIEW
–IN2
V+
V –
–IN1
10
9
5
2
6
H PACKAGE
10-LEAD TO-5 METAL CAN
8
4
GND2
+IN2
OUT2
+IN1
GND1
OUT1
7
3
1
–
+
–
+
18V TO 20V
SIDE 1
SIDE 2
10k
10k
100
Ω
10k
GND1
GND2
OUT1
OUT2
V+
V–
–18V TO –20V
RH119 BI
TOP VIEW
W PACKAGE
10-LEAD CERPAC
1
5
4
3
2
10
6
7
8
9
OUT1
GND1
+IN1
–IN1
V–
V+
–IN2
+IN2
GND2
OUT2
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE
14-LEAD CERDIP
14
13
12
11
10
9
8
NC
NC
GND1
+IN1
–IN1
V–
OUT2
NC
NC
OUT1
V+
–IN2
+IN2
GND2
PACKAGE I FOR ATIO


Similar Part No. - RH119

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH119 LINER-RH119 Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
RH119 LINER-RH119_15 Datasheet
116Kb / 2P
Dual Comparator
More results

Similar Description - RH119

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
High-Performance Dual Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
High-Performance Quad Comparator
LA6393AM SANYO-LA6393AM Datasheet
138Kb / 6P
For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
High-Performance Dual Comparator
LA6393M SANYO-LA6393M_11 Datasheet
124Kb / 6P
For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
High-Performance Dual Comparator
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
High Performance Comparator
Rev.1.00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com