Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH137 Datasheet(PDF) 3 Page - Linear Technology

Part # RH137
Description  Negative Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH137 Datasheet(HTML) 3 Page - Linear Technology

  RH137 Datasheet HTML 1Page - Linear Technology RH137 Datasheet HTML 2Page - Linear Technology RH137 Datasheet HTML 3Page - Linear Technology RH137 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
RH137
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
50KRAD(Si)
20KRAD(Si)
10KRAD(Si)
100KRAD(Si)
200KRAD(Si)
SYMBOL PARAMETER
CONDITIONS
NOTES MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
IADJ
Adjust Pin Current
100
100
100
100
100
µA
I ADJ
Adjust Pin Current Change
10mA I OUT I MAX
55
5
5
5
µA
3V
VIN – VOUT= 40V
5
5
5
5
5
µA
IMIN
Minimum Load Current
VIN – VOUT= 40V
5
5
5
5
5
mA
VIN – VOUT 10V
3
3
3
3
3
mA
Current Limit
H Package
VIN – VOUT 15V
0.5
1.5
0.5
1.5
0.5
1.5
0.5
1.5
0.5
1.5
A
VIN – VOUT= 40V
0.15
0.5
0.15
0.5
0.15
0.5
0.15
0.5
0.15
0.5
A
K Package
VIN – VOUT 15V
1.5
3.2
1.5
3.2
1.5
3.2
1.5
3.2
1.5
3.2
A
VIN – VOUT= 40V
0.24
1
0.24
1
0.24
1
0.24
1
0.24
1
A
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation) (Note 4)
Note 1: Unless otherwise specified, these specifications apply for
VIN – VOUT= 5V; and IOUT = 0.1A for the H package (TO-39) and
IOUT = 0.5A for the K package (TO-3) package. Although power dissipation
is internally limited, these specifications are applicable for power
dissipations of 2W for the TO-39 and 20W for the TO-3. IMAX is 0.2A for
the TO-39 and 1.5A for the TO-3 package.
Note 2: Regulation is measured at a constant junction temperature using
pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 3: Guaranteed by design, characterization or correlation to other
tested parameters.
Note 4: TJ = 25°C unless otherwise noted.
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3
Group A Test Requirements (Method 5005)
1,2,3
Group C and D End Point Electrical Parameters
1
(Method 5005)
* PDA Applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883 Class B. The verified failures of group A, subgroup
1, after burn-in divided by the total number of devices submitted for burn-
in in that lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TABLE 2: ELECTRICAL TEST REQUIRE E TS
TOTAL DOSE BIAS CIRCUIT
RH137
VIN
243
Ω
2k
2
1
ADJ
–15V
RH137 TDBC
OUTPUT
CASE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com