Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH137 Datasheet(PDF) 4 Page - Linear Technology

Part # RH137
Description  Negative Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH137 Datasheet(HTML) 4 Page - Linear Technology

  RH137 Datasheet HTML 1Page - Linear Technology RH137 Datasheet HTML 2Page - Linear Technology RH137 Datasheet HTML 3Page - Linear Technology RH137 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
RH137
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1990
LT/HP 0896 500 REV A • PRINTED IN USA
I.D. No. 66-10-0175 Rev. A 0896
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
Current Limit
Adjust Current
Minimum Load Current
Dropout Voltage
Regulation
TOTAL DOSE KRAD (Si)
1
1.28
1.27
1.26
1.25
1.24
1.23
1.22
10
100
1000
RH137 G01
3V
≤ VIN – VOUT ≤ 40V
10mA
≤ IOUT ≤ IMAX
TOTAL DOSE KRAD (Si)
1
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
10
100
1000
RH137 G02
VIN – VOUT = 5V
VIN – VOUT= 40V
TOTAL DOSE KRAD (Si)
1
100
90
80
70
60
50
40
10
100
1000
RH137 G03
VIN – VOUT = 40V
TOTAL DOSE KRAD (Si)
1
3.0
2.5
2.0
1.5
1.0
0.5
0
10
100
1000
RH137 G04
VIN – VOUT = 10V
TOTAL DOSE KRAD (Si)
1
3.0
2.5
2.0
1.5
1.0
0.5
0
10
100
1000
RH137 G05
(VIN – VOUT) = 10V
TOTAL DOSE KRAD (Si)
1
14
12
10
8
6
4
2
0
10
100
1000
RH137 G06
LOAD
LINE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com