Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH27C Datasheet(PDF) 1 Page - Linear Technology

Part # RH27C
Description  Precision Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH27C Datasheet(HTML) 1 Page - Linear Technology

  RH27C Datasheet HTML 1Page - Linear Technology RH27C Datasheet HTML 2Page - Linear Technology RH27C Datasheet HTML 3Page - Linear Technology RH27C Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RH27C
Precision Operational Amplifier
TA = 25°C
SUB-
SUB-
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
VOS
Input Offset Voltage
1
100
4
300
2, 3
µV
∆VOS
Average Offset Drift
4, 7
1.8
µV/°C
∆Temp
∆VOS
Long-Term Input Offset
2, 4
2
µV/Month
∆Time
Voltage Stability
IOS
Input Offset Current
75
1
135
2, 3
nA
IB
Input Bias Current
±80
1
±150
2, 3
nA
–55
°C ≤ TA ≤ 125°C
TABLE 1: ELECTRICAL CHARACTERISTICS (Preirradiation) (Note 9)
DESCRIPTIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
The RH27C combines very low noise with excellent preci-
sion and high speed specifications. The low 1/f noise
corner frequency of 2.7Hz combined with 3.5nV
√Hz 10Hz
noise and low offset voltage make the RH27C an excellent
choice for low frequency military instrumentation applica-
tions. The wafer lots are processed to LTC’s in-house
Class S flow to yield circuits usable in stringent military
applications.
For complete electrical specifications and performance
curves see the OP-27/OP-37 data sheet.
Supply Voltage .....................................................
±22V
Internal Power Dissipation ................................ 500mW
Input Voltage ........................... Equal to Supply Voltage
Output Short-Circuit Duration ......................... Indefinite
Differential Input Current (Note 8) .....................
±25mA
Operating Temperature Range ............. – 55
°C to 125°C
Junction Temperature Range ............... – 55
°C to 150°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
BUR -I CIRCUIT
10k
200
Ω
10k
20V
–20V
7
6
4
3
2
OR
20V
–20V
7
2
8
3
4
PACKAGE/ORDER I FOR ATIO
TOP VIEW
W PACKAGE
10-LEAD CERPAC
1
5
4
3
2
10
6
7
8
9
NC
VOS TRIM
–IN
+IN
V–
NC
VOS TRIM
V+
OUT
NC
, LTC and LT are registered trademarks of Linear Technology Corporation.
TOP VIEW
V+
VOS TRIM
VOS TRIM
–IN
OUT
NC
+IN
V– (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
1
2
3
4
8
7
6
5
TOP VIEW
VOS TRIM
–IN
+IN
V–
VOS TRIM
V+
OUT
NC
J8 PACKAGE
8-LEAD CERDIP


Similar Part No. - RH27C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH27C LINER-RH27C Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
logo
Analog Devices
RH27CH AD-RH27CH Datasheet
214Kb / 6P
Precision Operational Amplifier
Rev. F
RH27CJ8 AD-RH27CJ8 Datasheet
214Kb / 6P
Precision Operational Amplifier
Rev. F
RH27CW AD-RH27CW Datasheet
214Kb / 6P
Precision Operational Amplifier
Rev. F
More results

Similar Description - RH27C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
Precision Operational Amplifier?
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
Precision Operational Amplifier
June 2004
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
Precision Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
Precision Operational Amplifier
March, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com