Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH27C Datasheet(PDF) 3 Page - Linear Technology

Part # RH27C
Description  Precision Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH27C Datasheet(HTML) 3 Page - Linear Technology

  RH27C Datasheet HTML 1Page - Linear Technology RH27C Datasheet HTML 2Page - Linear Technology RH27C Datasheet HTML 3Page - Linear Technology RH27C Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
RH27C
TABLE 1A: ELECTRICAL CHARACTERISTICS
Note 6: See test circuit for current noise measurement on OP-27/OP-37
data sheet.
Note 7: The average input offset drift performance is within the specifica-
tions unnulled or when nulled with a pot having a range 8k
Ω to 20kΩ.
Note 8: The RH27C’s inputs are protected by back-to-back diodes. Current
limiting resistors are not used in order to achieve low noise. If differential
input voltage exceeds
±0.7V, the input current should be limited to 25mA.
Note 9: VS = ±15V, VCM = 0V unless otherwise noted.
Note 10: TA = 25°C, VS = ±15V, VCM = 0V, unless otherwise noted.
Note 1: Input offset voltage measurements are performed by automatic
test equipment approximately 0.5 seconds after application of power.
Note 2: Long-term input offset voltage stability refers to the averaged
trend line of offset voltage vs time over extended periods after the first 30
days of operation. Excluding the initial hour of operation, changes in VOS
during the first 30 days are typically 2.5
µV. Refer to the typical
performance curve.
Note 3: Sample tested to an LTPD of 15 on every lot. Contact factory for
100% testing of 10Hz voltage density noise.
Note 4: Parameter is guaranteed by design, characterization, or correlation
to other tested parameters.
Note 5: See test circuit and frequency response curve for 0.1Hz to 10Hz
tester on OP-27/OP-37 data sheet.
TOTAL DOSE BIAS CIRCUIT
10k
15V
–15V
10k
–1
µF
–1
µF
8V
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL DOSE KRAD (Si)
1
0
1
2
4
10
RH27C • TPC01
100
1000
3
VS = 15V
RL = 2k
TOTAL DOSE KRAD (Si)
1
0
1
2
4
10
RH27C • TPC02
100
1000
3
VS = 15V
RL = 2k
Positive Slew Rate
Negative Slew Rate
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com