Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED19 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED19
Description  Mid-Infrared Light Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED19 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED19 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED19 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED19 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24.09.2012
LED19
1 of 3
LED19
TECHNICAL DATA
Mid-Infrared Light Emitting Diode
Light Emitting Diodes with central wavelength 1.95 µm series are based on heterostructures grown
on GaSb substrates by LPE. Solid solutions GaInAsSb are used in the active layer. Wide band gap
solid solutions AlGaAsSb with Al content 64% are used for good electron confinement.
LED19 has a stable ouput power and a lifetime more then 80000 hours.
Specifications
(Unit: mm)
•
Structure:
GaInAsSb/AlGaAsSb
•
Peak Wavelength:
typ. 1.95 µm
•
Optical Output Power:
typ. 1 mW qCW
•
Package:
TO-18
with cap and window
Absolute Maximum Ratings (TA=25°C)
Item
Condition
Value
Unit
Min.
Typ.
Max.
Peak Wavelength
T=300 K
1.90
1.95
1.99
µm
FWHM
150 mA qCW
100
150
200
nm
Quasi-CW
Optical Power
200 mA qCW
0.8
1.0
1.2
mW
Pulsed
Optical Power
1 A, f=1 kHz,
duty cycle
0.1%
20
25
30
mW
Switching Time
T=300 K
10
20
30
ns
Operation Voltage
200 mA qCW
0.5
-
1.5
V
Operating
Temperature
-200 … +50
°C
Emitting Area
300 x 300
µm
Soldering
Temperature
180
°C
Package
TO-18, with non-removeable cap and window
Operation Instructions
•
LED basic circuit connection
•
We recommend to use one of our drivers
and evaluation boards designed for those
Mid-IR LEDs
D-11, D-31, D-31M
DLT-27, DLT-37
mD-1c, mD-1p


Similar Part No. - LED19

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19 ROITHNER-LED19 Datasheet
101Kb / 1P
LIGHT EMITTING DIODES
LED19 ROITHNER-LED19 Datasheet
93Kb / 2P
Mid-Infrared Light Emitting Diodes and Photodiodes
LED19-PR ROITHNER-LED19-PR Datasheet
554Kb / 3P
mid-ir led
LED19-PR ROITHNER-LED19-PR Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED19-PR ROITHNER-LED19-PR Datasheet
101Kb / 1P
LIGHT EMITTING DIODES
More results

Similar Description - LED19

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19FC-PR ROITHNER-LED19FC-PR Datasheet
349Kb / 2P
Mid-Infrared Light Emitting Diode
LED19FC-TEC-PR ROITHNER-LED19FC-TEC-PR Datasheet
377Kb / 2P
Mid-Infrared Light Emitting Diode
LED20FC-TEC ROITHNER-LED20FC-TEC Datasheet
302Kb / 2P
Mid-Infrared Light Emitting Diode
LED21FC-TEC ROITHNER-LED21FC-TEC Datasheet
305Kb / 2P
Mid-Infrared Light Emitting Diode
LED21-SMD3 ROITHNER-LED21-SMD3 Datasheet
199Kb / 2P
Mid-Infrared Light Emitting Diode
LED22FC-TEC-PR ROITHNER-LED22FC-TEC-PR Datasheet
379Kb / 2P
Mid-Infrared Light Emitting Diode
LED23FC-PR ROITHNER-LED23FC-PR Datasheet
354Kb / 2P
Mid-Infrared Light Emitting Diode
LED34-HIGH-SMD5 ROITHNER-LED34-HIGH-SMD5 Datasheet
281Kb / 2P
Mid-Infrared Light Emitting Diode
LED35-SMD3 ROITHNER-LED35-SMD3 Datasheet
205Kb / 2P
Mid-Infrared Light Emitting Diode
LED36-SMD3 ROITHNER-LED36-SMD3 Datasheet
202Kb / 2P
Mid-Infrared Light Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com