Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED19 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED19
Description  Mid-Infrared Light Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED19 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED19 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED19 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED19 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
24.09.2012
LED19
2 of 3
We recommend to use Quasi Continuous Wave (qCW) mode with duty cycle 50% or 25% to obtain
maximum average optical power and short Pulse mode to obtain maximum peak power.
Hard CW (continues wave) mode is NOT recommended.
•
Quasi CW Mode
•
Pulsed Mode
Typical Performance Curves
Spectra – Operation Currents
(qCW, T=300 K)
Spectra – Temperature
(qCW, I=150 mA)
Output Power – Forward Current
(qCW, T=300 K)
Forward Current – Forward Voltage
(qCW, T=300 K)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com