Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4424CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4424CSRL
Description  20V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4424CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4424CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4424CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4424CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4424CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4424CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4424CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM4424
20V N-Channel MOSFET
1/6
Version: C14
SOP-8
Key Parameter Performance
Parameter
Value
Unit
VDS
20
V
RDS(on) (max)
30
m
Ω
Qg
11.2
nC
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Block Diagram
Application
●
Specially Designed for Li-on Battery Packs
●
Battery Switch Application
Ordering Information
Part No.
Package
Packing
TSM4424CS RL
SOP-8
2.5Kpcs / 13
” Reel
TSM4424CS RLG
SOP-8
2.5Kpcs / 13
” Reel
TSM4424CS RVG
SOP-8
3Kpcs / 13
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which
contain <900ppm bromine, <900ppm chlorine (<1500ppm total
Br + Cl) and <1000ppm antimony compounds
Absolute Maximum Ratings (T
C = 25°C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
8
A
Pulsed Drain Current
(Note 1)
IDM
30
A
Continuous Source Current (Diode Conduction)
IS
2.2
A
Maximum Power Dissipation
Ta = 25°C
PD
2.5
W
Ta = 75°C
1.3
Operating Junction Temperature
TJ
+150
°C
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance Junction to Foot
RӨJF
25
°C/W
Thermal Resistance Junction to Ambient
RӨJA
52.5
°C/W
N-Channel MOSFET
Pin Definition:
1. Source
8. Drain
2. Source
7. Drain
3. Source
6. Drain
4. Gate
5. Drain


Similar Part No. - TSM4424CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4424 TSC-TSM4424 Datasheet
392Kb / 6P
20V N-Channel MOSFET
More results

Similar Description - TSM4424CSRL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com