Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4425CSRLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4425CSRLG
Description  30V P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4425CSRLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4425CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSM4425
30V P-Channel MOSFET
2/7
Version: B14
Electrical Specifications (T
C = 25°C unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250uA
BVDSS
-30
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-1
--
-3
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = -30V, VGS = 0V
IDSS
--
--
-1.0
µA
On-State Drain Current
a
VDS = -5V, VGS = -10V
ID(ON)
-50
--
--
A
Drain-Source On-State Resistance
a
VGS = -10V, ID = -11A
RDS(ON)
--
10
12
m
Ω
VGS = -4.5V, ID = -8.5A
--
15
19
Forward Transconductance
a
VDS = -15V, ID = -11A
gfs
--
23
--
S
Diode Forward Voltage
IS = -2.1A, VGS = 0V
VSD
--
--
-1.3
V
Dynamic
b
Total Gate Charge
VDS = -15V, ID = -11A,
VGS = -10V
Qg
--
64
--
nC
Gate-Source Charge
Qgs
--
11
--
Gate-Drain Charge
Qgd
--
25
--
Input Capacitance
VDS = -8V, VGS = 0V,
f = 1.0MHz
Ciss
--
3680
--
pF
Output Capacitance
Coss
--
930
--
Reverse Transfer Capacitance
Crss
--
620
--
Switching
c
Turn-On Delay Time
VDD = -15V, RL = 15Ω,
ID = -1A, VGEN = -10V,
RG = 6Ω
td(on)
--
15
--
ns
Turn-On Rise Time
tr
--
13
--
Turn-Off Delay Time
td(off)
--
100
--
Turn-Off Fall Time
tf
--
53
--
Notes:
a. pulse test: PW ≤ 300µs, duty cycle ≤ 2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com