Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4425CSRLG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4425CSRLG
Description  30V P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4425CSRLG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4425CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4425CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM4425
30V P-Channel MOSFET
1/7
Version: B14
SOP-8
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Application
●
Load Switches
●
Notebook PCs
●
Desktop PCs
Ordering Information
Part No.
Package
Packing
TSM4425CS RL
SOP-8
2.5Kpcs / 13
” Reel
TSM4425CS RLG
SOP-8
2.5Kpcs / 13
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds
Absolute Maximum Rating (T
C = 25°C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
-11
A
Pulsed Drain Current
IDM
-50
A
Continuous Source Current (Diode Conduction)
a,b
IS
-2.1
A
Maximum Power Dissipation
Ta = 25°C
PD
2.5
W
Ta = 75°C
1.6
Operating Junction Temperature
TJ
+150
°C
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Foot Thermal Resistance
RӨJF
18
°C/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
52.5
°C/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t
≤ 10 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
-30
14 @ VGS = -10V
-11
20 @ VGS = -4.5V
-8.5
Block Diagram
P-Channel MOSFET
Pin Definition:
1. Source
8. Drain
2. Source
7. Drain
3. Source
6. Drain
4. Gate
5. Drain


Similar Part No. - TSM4425CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4425CSRL TSC-TSM4425CSRL Datasheet
300Kb / 6P
30V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM4425CSRL VBSEMI-TSM4425CSRL Datasheet
2Mb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TSM4425CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com