Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLN Datasheet(PDF) 4 Page - Littelfuse

Part # MLN
Description  Multiline Transient Voltage Surge Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLN Datasheet(HTML) 4 Page - Littelfuse

  MLN Datasheet HTML 1Page - Littelfuse MLN Datasheet HTML 2Page - Littelfuse MLN Datasheet HTML 3Page - Littelfuse MLN Datasheet HTML 4Page - Littelfuse MLN Datasheet HTML 5Page - Littelfuse MLN Datasheet HTML 6Page - Littelfuse MLN Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Multiline Transient Voltage Surge Suppressor
MLN SurgeArray
™ Suppressor
Surface Mount Varistors
154
www .littelfuse .com
Typical Performance Curves Any Single Section (Continued)
FIGURE 7. STANDBY CURRENT AT NORMALIZEDVARISTOR VOLTAGE AND TEMPERATURE (ANY SINGLE SECTION)
FIGURE 8. CAPACITANCE vs FREQUENCY
FIGURE 9. EQUIVALENT SERIES RESISTANCE
100
10
0.1
µA1
µA1
0
µA
100
µA1mA
CURRENT (A)
-40oC
25oC
85oC
125oC
70
65
60
55
50
45
40
1GHz
100MHz
10MHz
1MHz
FREQUENCY
1000
1MHz
FREQUENCY
100
10
1
0.1
10MHz
100MHz
1GHz
10GHz
Next
Previous



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com