Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLN Datasheet(PDF) 2 Page - Littelfuse

Part # MLN
Description  Multiline Transient Voltage Surge Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLN Datasheet(HTML) 2 Page - Littelfuse

  MLN Datasheet HTML 1Page - Littelfuse MLN Datasheet HTML 2Page - Littelfuse MLN Datasheet HTML 3Page - Littelfuse MLN Datasheet HTML 4Page - Littelfuse MLN Datasheet HTML 5Page - Littelfuse MLN Datasheet HTML 6Page - Littelfuse MLN Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Multiline Transient Voltage Surge Suppressor
MLN SurgeArray
™ Suppressor
Surface Mount Varistors
152
www .littelfuse .com
Absolute Maximum Ratings For ratings of individual members of a series, see device ratings and specifications table.
Continuous:
Steady State Applied Voltage: DC Voltage Range (VM(DC)). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
V
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125
O
C
Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150
O
C
Device Ratings and Specifications Any Single Section
Temperature Derating
For applications exceeding 125oC ambient temperature, the peak surge
current and energy ratings must be reduced as shown in Figure 1.
MLN ARRAY
UNITS
PART
NUMBER
MAX RATINGS (125 oC)
PERFORMANCE SPECIFICATIONS (25 oC)
MAXIMUM
CONTINUOUS
WORKING
VOLTAGE
MAXIMUM
NON-
REPETITIVE
SURGE
CURRENT
(8/20
µs)
MAXIMUM
CLAMPING
VOLTAGE
(AT NOTED
CURRENT
8/20
µs)
MAXIMUM
NON-
REPETITIVE
SURGE
ENERGY
(10/1000
µs)
TYPICAL
ESD SUPPRESSION
VOLTAGE (NOTE 1)
NOMINAL
VOLTAGE AT
1mA DC
CURRENT
CAPACITANCE
AT
1MHz (1V p-p)
VM(DC)
ITM
VC
WTM
(V)
(A)
(V)
(J)
(V)
(V)
(pF)
V5.5MLN41206
V9MLN41206
V14MLN41206
V18MLN41206
V18MLN41206L
430
520
250
300
140
175
100
125
NOTES:
1. Tested to IEC61000-4-2 Human Body Model (HBM) discharge test circuit. See explanation of Terms on page 7.
2. Direct discharge to device terminals (IEC preffered test method). See figure 2.
3. Corona discharge through air (represents actual ESD event)
4. Capacitance may be customized, contact Sales.
(See Fig. 3)
Peak
(NOTE 2)
8kV CONTACT
(NOTE 3)
15kV AIR
Clamp
(V)
Peak
(V)
(V)
VN(DC)
MIN
VN(DC)
MAX
(NOTE 4)
C
TYP
MAX
(pF)
45
75
5.5
9
14
18
18
30
30
30
30
20
7.1
11.0
15.9
22.0
25.0
9.3
16.0
20.3
28.0
35.0
60
95
110
165
200
35
50
55
60
95
45
75
85
100
130
0.1
0.1
0.1
0.1
0.05
15.5 at 2A
23 at 2A
30 at 2A
40 at 2A
50 at 1A
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100
110 120
130 140 150
AMBIENTTEMPERATURE ( oC)
FIGURE 1. PEAK CURRENT AND ENERGY DERATING CURVE
t
t1
t2
100
90
50
10
O1
TIME
O1 = VIRTUAL ORIGIN OFWAVE
t1 = VIRTUAL FRONT TIME = 1.25 x t
(IMPULSE DURATION)
t = TIME FROM 10% TO 90% OF PEAK
t2 = VIRTUALTIME TO HALFVALUE
EXAMPLE:
FOR AN 8/20
µs CURRENT
WAVEFORM:
8
µs = t1 = VIRTUAL FRONT
20
µs = t2 = VIRTUALTIME TO
HALFVALUE
TIME
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM FOR CLAMPINGVOLTAGE
Next
Previous



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com