Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2330 Datasheet(PDF) 13 Page - LOGIC Devices Incorporated

Part # L2330
Description  Coordinate Transformer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2330 Datasheet(HTML) 13 Page - LOGIC Devices Incorporated

Back Button L2330 Datasheet HTML 6Page - LOGIC Devices Incorporated L2330 Datasheet HTML 7Page - LOGIC Devices Incorporated L2330 Datasheet HTML 8Page - LOGIC Devices Incorporated L2330 Datasheet HTML 9Page - LOGIC Devices Incorporated L2330 Datasheet HTML 10Page - LOGIC Devices Incorporated L2330 Datasheet HTML 11Page - LOGIC Devices Incorporated L2330 Datasheet HTML 12Page - LOGIC Devices Incorporated L2330 Datasheet HTML 13Page - LOGIC Devices Incorporated L2330 Datasheet HTML 14Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DEVICES INCORPORATED
Special Arithmetic Functions
13
L2330
Coordinate Transformer
09/27/2001–LDS.2330-E
ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
25 ns
20 ns
Plastic Quad Flatpack
(Q1)
L2330QC25
L2330QC20
120-pin
VCC
PYOUT4
PYOUT3
GND
PYOUT2
PYOUT1
PYOUT0
VCC
OEPY
GND
RTP
CLK
GND
TCXY
ENYP0
GND
ENYP1
ACC0
ACC1
VCC
YPIN0
YPIN1
YPIN2
YPIN3
YPIN4
YPIN5
YPIN6
GND
YPIN7
YPIN8
RXOUT10
RXOUT11
GND
RXOUT12
RXOUT13
RXOUT14
VCC
RXOUT15
GND
OERX
VCC
XRIN15
XRIN14
XRIN13
GND
XRIN12
XRIN11
XRIN10
XRIN9
XRIN8
XRIN7
XRIN6
GND
XRIN5
XRIN4
XRIN3
GND
XRIN2
XRIN1
VCC
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com