Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2330 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # L2330
Description  Coordinate Transformer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2330 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  L2330 Datasheet HTML 1Page - LOGIC Devices Incorporated L2330 Datasheet HTML 2Page - LOGIC Devices Incorporated L2330 Datasheet HTML 3Page - LOGIC Devices Incorporated L2330 Datasheet HTML 4Page - LOGIC Devices Incorporated L2330 Datasheet HTML 5Page - LOGIC Devices Incorporated L2330 Datasheet HTML 6Page - LOGIC Devices Incorporated L2330 Datasheet HTML 7Page - LOGIC Devices Incorporated L2330 Datasheet HTML 8Page - LOGIC Devices Incorporated L2330 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DEVICES INCORPORATED
L2330
Coordinate Transformer
4
Special Arithmetic Functions
09/27/2001–LDS.2330-E
FIGURE 1B.OUTPUT FORMATS
15 14 13
2
1
0
NS 2
14 213
2
2
2
1
2
0
15 14 13
2
1
0
NS 2
14 213
2
2
2
1
2
0
Integer Signed Magnitude (RTP = 0, TCXY = 0)
15 14 13
2
1
0
–2
15 214 213
2
2
2
1
2
0
15 14 13
2
1
0
–2
15 214 213
2
2
2
1
2
0
Integer Two's Complement (RTP = 0, TCXY = 1)
15 14 13
2
1
0
2
15 214 213
2
2
2
1
2
0
15 14 13
2
1
0
*±2
0 2–1 2–2
2
–13 2–14 2–15
RXOUT
PYOUT
15 14 13
2
1
0
NS 2
–1 2–2
2
–13 2–14 2–15
15 14 13
2
1
0
NS 2
–1 2–2
2
–13 2–14 2–15
Fractional Signed Magnitude (RTP = 0, TCXY = 0)
15 14 13
2
1
0
–2
0 2–1 2–2
2
–13 2–14 2–15
15 14 13
2
1
0
–2
0 2–1 2–2
2
–13 2–14 2–15
Fractional Two's Complement (RTP = 0, TCXY = 1)
15 14 13
2
1
0
2
0
2
–1 2–2
2
–13 2–14 2–15
15 14 13
2
1
0
*±2
0 2–1 2–2
2
–13 2–14 2–15
*±2
0 denotes two's complement sign or highest magnitude bit. Since phase angles are modulo 2π
and phase accumulator is modulo 2
32, this bit may be regarded as ±π.
NS denotes negative sign. (i.e. '1' negates the number)
Fract. Unsigned Mag./Two's Comp.
Integer Unsigned Magnitude
(RTP = 1)
Fract. Unsigned Mag./Two's Comp.
Fractional Unsigned Magnitude
(RTP = 1)
OVF — Overflow Flag
OVF will go HIGH on the clock the
magnitude of either of the current
Cartesian coordinate outputs exceed
the maximum range. OVF will return
LOW on the clock that the Cartesian
output value(s) return within range.
An overflow condition can only occur
when RTP is LOW.
OERX — x-coordinate/Magnitude Data
Output Enable
When OERX is LOW, RXOUT15-0 is
enabled for output. When OERX is
HIGH, RXOUT15-0 is placed in a
high-impedance state.
OEPY — y-coordinate/Phase Angle Data
Output Enable
When OEPY is LOW, PYOUT15-0 is
enabled for output. When OEPY is
HIGH, PYOUT15-0 is placed in a
high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com