Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2340 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # L2340
Description  Digital Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2340 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  L2340 Datasheet HTML 1Page - LOGIC Devices Incorporated L2340 Datasheet HTML 2Page - LOGIC Devices Incorporated L2340 Datasheet HTML 3Page - LOGIC Devices Incorporated L2340 Datasheet HTML 4Page - LOGIC Devices Incorporated L2340 Datasheet HTML 5Page - LOGIC Devices Incorporated L2340 Datasheet HTML 6Page - LOGIC Devices Incorporated L2340 Datasheet HTML 7Page - LOGIC Devices Incorporated L2340 Datasheet HTML 8Page - LOGIC Devices Incorporated L2340 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DEVICES INCORPORATED
L2340
Digital Synthesizer
2
Special Arithmetic Functions
08/16/2000–LDS.2340-E
FM PM Configuration
00 No accumulation (normal operation)
01 PM accumulator path enabled
10 FM accumulator path enabled
11 Logical OR of PM and FM (Nonsensical)
TABLE 2. ACCUMULATOR CONTROL
SIGNAL DEFINITIONS
Power
Vcc and GND
+5V power supply. All pins must be
connected.
Clock
CLK — Master Clock
The rising edge of CLK strobes all
enabled registers.
Inputs
AM14-0 — Amplitude Modulation Data
Input
AM14-0 is the 15-bit Amplitude
Modulation Data input port. AM14-0
is latched on the rising edge of CLK.
PH31-0 — Phase Angle Data Input
PH31-0 is the 32-bit Phase Angle Data
input port. Input phase accumulators
are loaded through this port into
registers enabled by ENP1-0. PH31-0 is
latched on the rising edge of CLK.
Outputs
I15-0 — x-coordinate Data Output
I15-0 is the 16-bit Cartesian x-coordi-
nate Data output port. When OEI is
HIGH, I15-0 is forced into the high-
impedance state. I15 is forced HIGH if
OBIQ is LOW.
Q15-0 — y-coordinate Data Output
Q15-0 is the 16-bit Cartesian y-coordi-
nate Data output port. When OEQ is
HIGH, Q15-0 is forced into the high-
impedance state. Q15 is forced HIGH
if OBIQ is LOW.
Controls
ENA — Amplitude Modulation Data
Input Enable
When ENA is HIGH, AM is latched
into the input register on the rising
edge of clock. When ENA is LOW, the
value stored in the register is un-
changed.
ENP1-0 — Phase Modulation Data Input
Control
ENP1-0 is the 2-bit Phase Modulation
Data Input Control that determines
one of the four modes shown in Table
1. ‘M’ is the Modulation Register and
‘C’ is the Carrier Register as shown in
the Functional Block Diagram.
TABLE 1. REGISTER OPERATION
L2340 FUNCTIONAL BLOCK DIAGRAM
I15-0
Q15-0
16
16
15
16
16
24
24
15
15
TRANSFORM
PROCESSOR
OEI
OEQ
OBIQ
32
32
32
AM14-0
32
PH31-0
32
FM
PM
ENA
ENP1-0
2
*
REQUIRES 18 CYCLES TO COMPLETE AND IS FULLY PIPELINED
*
AM
PM
FM
MC
ENP1-0 Configuration
0 0
No registers enabled, current data held
0 1
M register input enabled, C data held
1 0
C register input enabled, M data held
1 1
M register = 0, C register input enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com