Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2340 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # L2340
Description  Digital Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2340 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  L2340 Datasheet HTML 1Page - LOGIC Devices Incorporated L2340 Datasheet HTML 2Page - LOGIC Devices Incorporated L2340 Datasheet HTML 3Page - LOGIC Devices Incorporated L2340 Datasheet HTML 4Page - LOGIC Devices Incorporated L2340 Datasheet HTML 5Page - LOGIC Devices Incorporated L2340 Datasheet HTML 6Page - LOGIC Devices Incorporated L2340 Datasheet HTML 7Page - LOGIC Devices Incorporated L2340 Datasheet HTML 8Page - LOGIC Devices Incorporated L2340 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DEVICES INCORPORATED
L2340
Digital Synthesizer
4
Special Arithmetic Functions
08/16/2000–LDS.2340-E
23140
23150
23160
23170
23180
23190
23200
23140
23150
23160
23170
23180
23190
23200
X
Y
23140
23150
23160
23170
23180
23190
23200
23140
23150
23160
23170
23180
23190
23200
X
Y
Circle Test
When performing a coordinate
transformation, inaccuracies are
introduced by a combination of
quantization and approximation
errors. The accuracy of a coordinate
transformer is dependent on the
word length used for the input
variables, the word length used for
internal calculations, as well as the
number of iterations or steps per-
formed. Truncation errors are due
to the finite word length and ap-
proximation errors are due to the
finite number of iterations. For
example, in the case of performing a
polar-to-rectangular transformation,
the accuracy of the rotation will be
determined by how closely the input
rotation angle was approximated by
the summation of sub-rotation
angles.
In this study, we compare how
accurately a coordinate transformer
with a 16-bit internal processor
versus a 24-bit internal processor
can calculate all the coordinates of a
circle. By setting the radius to
7FFFH,
θ is incremented using the
accumulator of the L2340 in steps of
0000 4000H until all the points of a
full circle are calculated into rectan-
gular coordinates.
The resulting rectangular coordi-
nates were plotted and graphed. A
graphical representation of the
resulting vectors for both 16-bit and
24-bit internal processors are com-
pared at 45°. Theoretically, a
perfect circle is the desired output
but when the resulting vectors from
a coordinate transformer with 16-bit
internal processor are graphed and
displayed as shown in Figure 2, we
see significant errors due to the
inherent properties of a digital
synthesizer. In comparison, the 24-
bit internal processor proves to be
significantly more accurate than a
16-bit internal processor due to
minimization of truncation errors.
In many applications, this margin of
FIGURE 2.
CIRCLE TEST RESULT NEAR 45° (16-BIT INTERNAL PROCES-
SOR
)
FIGURE 3.
CIRCLE TEST RESULT NEAR 45° (24-BIT INTERNAL PROCES-
SOR
)
error will introduce noise when
performing waveform sythesis,
modulation, and demodulation.
Data values for Figure 2 and Figure
3 are shown in Table 3. By looking
at these values, we observe the step
resolution on a 16-bit internal
processor is not 1 unit in the x and
y. In most cases, the minimum step
resolution is 2 units in the x and y.
On the other hand, step resolution
on a 24-bit internal processor is 1
unit in the x and y thus resulting in
greater accuracy.
The minimum theoretical angle
resolution that could be produced is
0.00175° when x = 7FFFH and y = 1H.
A 16-bit internal processor can
produce a minimum angle resolu-
tion of only 0.00549° and will not be
able to properly calculate the
theoretical minimum angle resolu-
tion. On the other hand, a 24-bit
internal processor can produce a
minimum angle resolution of
0.00002° and could therefore prop-
erly calculate the theoretical mini-
mum angle resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com