Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ821 Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ821
Description  SUBMINIATURE DIP RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ821 Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ821 Datasheet HTML 1Page - ZETTLER Electronics AZ821 Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
STANDARD COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
53.5
6.3
36
AZ821–2C–5DE
64.2
8.9
70
AZ821–2C–6DE
96.3
12.5
140
AZ821–2C–9DE
12
8.4
17.8
280
AZ821–2C–12DE
24
16.8
34.4
1,050
AZ821–2C–24DE
48
33.6
67.3
4,000
AZ821–2C–48DE
SENSITIVE COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
53.5
11.2
125
AZ831–2C–5DSE
64.2
13.5
180
AZ831–2C–6DSE
96.3
20.3
405
AZ831–2C–9DSE
12
8.4
27.0
720
AZ831–2C–12DSE
24
16.8
54.1
2,880
AZ831–2C–24DSE
48
33.6
108.3
11,520
AZ831–2C–48DSE
AZ821/AZ831
MECHANICAL DATA








































Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-12-06



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com