Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ821 Datasheet (PDF) - ZETTLER Electronics

AZ821 Datasheet PDF - ZETTLER Electronics
Part # AZ821
Download  AZ821 Download
File Size   134.48 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description SUBMINIATURE DIP RELAY

AZ821 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ821 Datasheet PDF - ZETTLER Electronics

Part # AZ821
Download  AZ821 Click to download

File Size   134.48 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description SUBMINIATURE DIP RELAY

AZ821 Datasheet (HTML) - ZETTLER Electronics


AZ821 Product details

FEATURES
• Low profile for compact board spacing
• DC coils to 48 VDC
• Single button crossbar contacts
• High sensitivity, 100 mW pickup
• Life expectancy to 15 million operations
• High switching capacity, 60 W, 125 VA
• Fits standard 16 pin IC socket
• Epoxy sealed
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• UL, CUR file E43203




Similar Part No. - AZ821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ821 ETC-AZ821 Datasheet
61Kb / 2P
SUBMINIATURE DIP RELAY
AZ821 ETC2-AZ821 Datasheet
88Kb / 2P
SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ821 AZETTLER-AZ821 Datasheet
94Kb / 2P
SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
AZ821-2C-12DE ETC-AZ821-2C-12DE Datasheet
61Kb / 2P
SUBMINIATURE DIP RELAY
AZ821-2C-12DE ETC2-AZ821-2C-12DE Datasheet
88Kb / 2P
SUBMINIATURE DIP RELAY
More results


Similar Description - AZ821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFD2 ETC-HFD2 Datasheet
41Kb / 3P
SUBMINIATURE DIP RELAY
JRC-27F ETC1-JRC-27F Datasheet
112Kb / 3P
SUBMINIATURE DIP RELAY
HFD27 ETC2-HFD27 Datasheet
59Kb / 3P
SUBMINIATURE DIP RELAY
AZ821 ETC2-AZ821_05 Datasheet
88Kb / 2P
SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ820 AZETTLER-AZ820 Datasheet
82Kb / 2P
SUBMINIATURE DIP RELAY
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD27 HONGFA-HFD27 Datasheet
58Kb / 3P
SUBMINIATURE DIP RELAY
HFD2 HONGFA-HFD2 Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822_14 Datasheet
50Kb / 2P
SUBMINIATURE DIP RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK19F EVER-WAY-HK19F Datasheet
239Kb / 3P
SUBMINIATURE DIP RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com