Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2247 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # LF2247
Description  Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2247 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  LF2247 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DEVICES INCORPORATED
Video Imaging Products
3
LF2247
Image Filter with Coefficient RAM
1
2
3
4
5
6
7
8
9
10
11
08/16/2000–LDS.2247-H
the DN register on the rising edge of
CLK. When ENBN is HIGH, data on
DN9-0 is not latched into the DN
register and the register contents will
not be changed.
ENBA — Row Address Input Enable
The ENBA input allows the row
address register to be updated on each
clock cycle. When ENBA is LOW,
data on A4-0 is latched into the row
address register on the rising edge of
CLK. When ENBA is HIGH, data on
A4-0 is not latched into the row
address register and the register
contents will not be changed.
OEN — Output Enable
When OEN is LOW, S15-0 is enabled
for output. When OEN is HIGH, S15-0
is placed in a high-impedance state.
OCEN — Clock Enable
When OCEN is LOW, data in the pre-
mux register (accumulator output) is
loaded into the output register on the
next rising edge of CLK. When OCEN
is HIGH, data in the pre-mux register
is held preventing the output
register’s contents from changing (if
FSEL does not change). Accumulation
continues internally as long as ACC is
HIGH, despite the state of OCEN.
FSEL — Format Select
When FSEL is LOW, the data input
during the current clock cycle is
assumed to be in fractional two’s
complement format, and the upper 16
bits of the accumulator are presented
at the output. Rounding of the
accumulator result to 16 bits is per-
formed if the accumulator control
input ACC is LOW. When FSEL is
HIGH, the data input is assumed to be
in integer two’s complement format,
and the lower 16 bits of the accumula-
tor are presented at the output. No
rounding is performed when FSEL is
HIGH.
ACC — Accumulator Control
The ACC input determines whether
internal accumulation is performed on
the data input during the current
clock cycle. If ACC is LOW, no
accumulation is performed, the prior
accumulated sum is cleared, and the
current sum of products is output. If
FSEL is also LOW, one-half LSB
rounding to 16 bits is performed on
the result. When ACC is HIGH, the
emerging product is added to the sum
of the previous products, without
additional rounding.
SEN — Serial Input Enable
The SEN input enables the shifting of
serial data through the registers in the
coefficient register file. When SEN is
LOW, serial data on SDIN is shifted
into the coefficient register file on the
rising edge of SCLK. SEN must
remain LOW until all four coefficients
have been clocked in. SEN does not
need to be pulsed between consecu-
tive data sets. It can remain LOW
while the entire register file is loaded
by a constant bit stream. When SEN is
HIGH, data can not be shifted into the
register file and the register file’s
contents will not be changed. When
enabling the coefficient register file for
serial data input, the LF2247 requires
a HIGH to LOW transition of SEN in
order to function properly. Therefore,
SEN needs to be set HIGH immedi-
ately after power up to ensure proper
operation of the serial input circuitry.
FIGURE 2.
SERIAL DATA FORMAT
23
15 6
48 9
711 12
10
13
15 16
14
18 19
17
21 22
20
24 25
23
27 28
26
29
31 32
30
34 35
33
37 38
36
40 41
39
43 44
42
45
47 48
46
50 51
49
53 54
52
56 57
55
59 60
58
61
63 64
62
00
00 1
11 1
11 0
11
0 0
1X X
XX 0
X0 1
00 0
01
0 0
1
XX
XX 0
X1 1
01 0
00
0 0
1X X
XX 1
X1 1
11 0
10
0 0
1
FIRST 16-BIT WORD
SECOND 16-BIT WORD
THIRD 16-BIT WORD
FOURTH 16-BIT WORD
ROW
ADDRESS
DATA FOR
COEFFICIENT REGISTER 4
DON'T
CARES
DATA FOR
COEFFICIENT REGISTER 3
DON'T
CARES
DATA FOR
COEFFICIENT REGISTER 2
DON'T
CARES
DATA FOR
COEFFICIENT REGISTER 1
SHOWN IS SERIAL DATA STREAM TO LOAD ROW ADDRESS 2 WITH:
COEFFICIENT REGISTER 1 = 7E4
COEFFICIENT REGISTER 2 = 1A4
COEFFICIENT REGISTER 3 = 08C
COEFFICIENT REGISTER 4 = 7EC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com