Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2247 Datasheet(PDF) 5 Page - LOGIC Devices Incorporated

Part # LF2247
Description  Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2247 Datasheet(HTML) 5 Page - LOGIC Devices Incorporated

  LF2247 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DEVICES INCORPORATED
Video Imaging Products
5
LF2247
Image Filter with Coefficient RAM
1
2
3
4
5
6
7
8
9
10
11
08/16/2000–LDS.2247-H
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
1234567890123456789012345678901
SWITCHING CHARACTERISTICS
LF2247–
33*
25
15
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
33
25
15
tPWL
Clock Pulse Width Low
15
10
7
tPWH
Clock Pulse Width High
10
10
7
tS
Input Setup Time
10
8
5
tH
Input Hold Time
0
0
0
tD
Output Delay
15
13
11
tDIS
Three-State Output Disable Delay (Note 11)
15
15
15
tENA
Three-State Output Enable Delay (Note 11)
15
15
15
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
LF2247–
33*
25*
Symbol
Parameter
Min
Max
Min
Max
tCYC
Cycle Time
33
25
tPWL
Clock Pulse Width Low
15
10
tPWH
Clock Pulse Width High
10
10
tS
Input Setup Time
10
8
tH
Input Hold Time
0
0
tD
Output Delay
15
13
tDIS
Three-State Output Disable Delay (Note 11)
15
15
tENA
Three-State Output Enable Delay (Note 11)
15
15
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE
SWITCHING WAVEFORMS:DATA I/O
CLK
D19-0 – D49-0
CONTROLS
tPWH
tPWL
tCYC
A4-0
(Except OEN)
OEN
S15-0
123456
tH
tS
DN
DN+1
AN+1
AN+2
tD
tDIS
HIGH IMPEDANCE
tENA
SN
SN–1
SN+1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com