Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED39 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED39
Description  Mid-Infrared Light Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED39 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED39 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED39 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED39 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10.09.2012
LED39
1 of 3
LED39
TECHNICAL DATA
Mid-Infrared Light Emitting Diode
Light Emitting Diodes with central wavelength 3.90 µm series are based on heterostructures grown
on InAs substrates by MOCVD. InAsSb is used in the active layer. Wide band gap solid solutions
InAsSbP with P content 50% are used for good electron confinement.
LED39 has a stable ouput power and a lifetime more then 80000 hours.
Specifications
(Unit: mm)
Structure:
InAsSb/InAsSbP
Peak Wavelength:
typ. 3.90 µm
Optical Output Power:
typ. 20 µW qCW
Package:
TO-18
with cap and without window
Absolute Maximum Ratings (TA=25°C)
Item
Condition
Value
Unit
Min.
Typ.
Max.
Peak Wavelength
T=300 K
3.85
3.90
3.94
µm
FWHM
150 mA CW
0.55
0.65
0.75
µm
Quasi-CW
Optical Power
200 mA qCW
15
20
30
µW
Pulsed
Optical Power
1 A
180
200
220
mW
Switching Time
T=300 K
10
20
30
ns
Operation Voltage
200 mA qCW
0.2
-
0.8
V
Operating
Temperature
-200 … +50
°C
Emitting Area
300 x 300
µm
Soldering
Temperature
180
°C
Package
TO-18, with non-removeable cap and without
window
Operation Instructions
LED basic circuit connection
We recommend to use one of our drivers
and evaluation boards designed for those
Mid-IR LEDs
D-11, D-31, D-31M
DLT-27, DLT-37
mD-1c, mD-1p


Similar Part No. - LED39

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED39 ROITHNER-LED39 Datasheet
93Kb / 2P
Mid-Infrared Light Emitting Diodes and Photodiodes
LED39-PR ROITHNER-LED39-PR Datasheet
449Kb / 3P
Mid-Infrared Light Emitting Diode
LED395 ROITHNER-LED395 Datasheet
837Kb / 9P
This series of LED395-xx is an InGaN LED mounted on a lead frame with a clear epoxy lens
LED395-66-60-110 ROITHNER-LED395-66-60-110 Datasheet
109Kb / 1P
High Power LED Array
LED395V-66-16100-110 ROITHNER-LED395V-66-16100-110 Datasheet
1Mb / 4P
UV High Power LED Array
More results

Similar Description - LED39

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19FC-PR ROITHNER-LED19FC-PR Datasheet
349Kb / 2P
Mid-Infrared Light Emitting Diode
LED19FC-TEC-PR ROITHNER-LED19FC-TEC-PR Datasheet
377Kb / 2P
Mid-Infrared Light Emitting Diode
LED20FC-TEC ROITHNER-LED20FC-TEC Datasheet
302Kb / 2P
Mid-Infrared Light Emitting Diode
LED21FC-TEC ROITHNER-LED21FC-TEC Datasheet
305Kb / 2P
Mid-Infrared Light Emitting Diode
LED21-SMD3 ROITHNER-LED21-SMD3 Datasheet
199Kb / 2P
Mid-Infrared Light Emitting Diode
LED22FC-TEC-PR ROITHNER-LED22FC-TEC-PR Datasheet
379Kb / 2P
Mid-Infrared Light Emitting Diode
LED23FC-PR ROITHNER-LED23FC-PR Datasheet
354Kb / 2P
Mid-Infrared Light Emitting Diode
LED34-HIGH-SMD5 ROITHNER-LED34-HIGH-SMD5 Datasheet
281Kb / 2P
Mid-Infrared Light Emitting Diode
LED35-SMD3 ROITHNER-LED35-SMD3 Datasheet
205Kb / 2P
Mid-Infrared Light Emitting Diode
LED36-SMD3 ROITHNER-LED36-SMD3 Datasheet
202Kb / 2P
Mid-Infrared Light Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com