Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED39 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED39
Description  Mid-Infrared Light Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED39 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED39 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED39 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED39 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10.09.2012
LED39
2 of 3
We recommend to use Quasi Continuous Wave (qCW) mode with duty cycle 50% or 25% to obtain
maximum average optical power and short Pulse mode to obtain maximum peak power.
Hard CW (continues wave) mode is NOT recommended.
Quasi CW Mode
Pulsed Mode
Typical Performance Curves
Spectra – Operation Currents
(qCW, T=300 K)
Spectra – Temperature
(qCW, I=150 mA)
Output Power – Forward Current
(qCW, T=300 K)
Forward Current – Forward Voltage
(qCW, T=300 K)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com