Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF3310 Datasheet(PDF) 21 Page - LOGIC Devices Incorporated

Part # LF3310
Description  Horizontal / Vertical Digital Image Filter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3310 Datasheet(HTML) 21 Page - LOGIC Devices Incorporated

Back Button LF3310 Datasheet HTML 13Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 14Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 15Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 16Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 17Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 18Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 19Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 20Page - LOGIC Devices Incorporated LF3310 Datasheet HTML 21Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
DEVICES INCORPORATED
Video Imaging Products
21
LF3310
Horizontal / Vertical Digital Image Filter
11/08/2001-LDS.3310-H
ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
15 ns
12 ns
–55°C to +125°C — MIL-STD-883 COMPLIANT
–55°C to +125°C — COMMERCIAL SCREENING
144-pin
Plastic Quad Flatpack
(Q5)
LF3310QC15
LF3310QC12
VCC
GND
GND
GND
GND
VCC
GND
DIN11
DIN10
DIN9
DIN8
DIN7
DIN6
GND
VCC
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
GND
VCC
VCA7
VCA6
VCA5
VCA4
VCA3
VCA2
VCA1
VCA0
VCEN
VSHEN
VCC
VCC
VCC
GND
GND
HCA7
HCA6
HCA5
HCA4
HCA3
HCA2
HCA1
HCA0
VCC
GND
HCEN
GND
VCC
GND
GND
GND
GND
VCF11
VCF10
VCF9
VCF8
VCF7
VCF6
VCF5
VCF4
VCF3
VCF2
VCF1
VCF0
VLD
VPAUSE
VCC
VCC
VCC
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com