Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF3370 Datasheet(PDF) 13 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 13 Page - LOGIC Devices Incorporated

Back Button LF3370 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 12Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 13Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 14Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 15Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 16Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 17Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Video Imaging Products
13
LF3370
High-Definition Video Format Converter
03/13/2001–LDS.3370-F
DEVICES INCORPORATED
LD is used to enable and disable the
LF Interface™. WhenLDgoesLOW,the
LF Interface™isenabledfordatainput.
The first value fed into the interface on
CF12-0 is an address which determines
what the interface is going to load (see
Table 4). For example, to load address
Bias Adder Register 2 of the channel B
Output Bias Adder, the first data value
intotheLFInterface™shouldbe0A02H.
To load RSL Register 1 for the Keyscaler
RSL, the first data value should be 1101H.
The first address value should be loaded
into the interface on the same clock cycle
that latches the HIGH to LOW transition
of LD. The next value(s) loaded into the
interface are the data value(s) which will
be stored in the bank or register defined
by the address value. When loading
coefficient banks, the interface will expect
ten values to be loaded into the device
after the address value. The ten values are
coefficients 0 through 8 and the Keyscale
coefficient. When loading Configuration
or Bias Registers, the interface will expect
one value after the address value. When
loading RSL registers, the interface will
DESCRIPTION
ADDRESS RANGE (HEX)
Coefficient Registers
0000 - 0003
Configuration Registers
0200 - 020A
Look-Up Table - Channel ‘A’
0300
Look-Up Table - Channel ‘B’
0400
Look-Up Table - Channel ‘C’
0500
Input Bias Registers - Channel ‘A’
0600 - 0603
Input Bias Registers - Channel ‘B’
0700 - 0703
Input Bias Registers - Channel ‘C’
0800 - 0803
Output Bias Registers - Channel ‘A’
0900 - 0903
Output Bias Registers - Channel ‘B’
0A00 - 0A03
Output Bias Registers - Channel ‘C’
0B00 - 0B03
HF0 Count Value
0C00
HF1 Count Value
0D00
Matrix Mult. RSL Registers - Channel ‘A’
0E00 - 0E03
Matrix Mult. RSL Registers - Channel ‘B’
0F00 - 0F03
Matrix Mult. RSL Registers - Channel ‘C’
1000 - 1003
Key Scaler RSL Registers
1100 - 1103
Half-Band Filter RSL Registers - Channel ‘B’
1200 - 1203
Half-Band Filter RSL Registers - Channel ‘C’
1300 - 1303
TABLE 4.
CONFIGURATION/CONTROL REGISTERS ADDRESSING SUMMARY
FIGURE 15. BYPASS BLOCK DIAGRAM
VARIABLE LENGTH
BYPASS DELAY
(127 x 13-Bit )
HALF-BAND
FILTER
SECTION
MATRIX MULTIPLIER
and KEY SCALER
SECTION
LUT
SECTION
OUTPUT
BIAS
SECTION
VARIABLE LENGTH
BYPASS DELAY
(127 x 13-Bit )
INPUT
BIAS
SECTION
13
INPUT
DEMUX
SECTION
13
OUTPUT
MUX
SECTION
13
LUT
SECTION
A,
B,
C,
D
W,
X,
Y,
Z
13
In this example, the Matrix-Multipler/Key Scaler Section feeds the Half-Band Filter Section. This arrangement is reversible.
FIGURE 16.
CORE BYPASS
CLK
In this example, the Output Multiplexer is in a mode where the delay through the section is 2 CLK cycles. Only one channel is shown in this example,
however, the other three channels behave in the same manner. The example assumes that the bypass RAM length is set to the length of the core data path.
Core Data
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
*
Output*
D13
D14
D15
D16
D17
DATAPASS
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
D0
D1
D2
D3
D4
D5
B6
B7
B8
B9
B10
B11
B12
D13
D14
D15
Bypass Data
W1: Bypass data is output to the output port and replaces core data.
W2: Core data is output to the output port and replaces bypass data.
W1
W2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com