Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF3370 Datasheet(PDF) 21 Page - LOGIC Devices Incorporated

Part # LF3370
Description  High-Definition Video Format Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3370 Datasheet(HTML) 21 Page - LOGIC Devices Incorporated

Back Button LF3370 Datasheet HTML 16Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 17Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 18Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 19Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 20Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 21Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 22Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 23Page - LOGIC Devices Incorporated LF3370 Datasheet HTML 24Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Video Imaging Products
21
LF3370
High-Definition Video Format Converter
03/13/2001–LDS.3370-F
DEVICES INCORPORATED
LF3370–
12
Symbol
Parameter
Min
Max
tCYC
Cycle Time
12
tPWL
Clock Pulse Width Low
5
tPWH
Clock Pulse Width High
5
tS
Input Setup Time
4
tH
Input Hold Time
0
tSCT
Setup Time Control Inputs
4
tHCT
Hold Time Control Inputs
0
tD
Output Delay
8
tDIS
Three-State Output Disable Delay (Note 11)
10
tENA
Three-State Output Enable Delay (Note 11)
10
SWITCHING CHARACTERISTICS
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING WAVEFORMS:DATA I/O
CLK
A, B, C, D12-0
CONTROLS
tPWH
tPWL
tCYC
(Except OE)
W, X, Y, Z12-0
123456
tH
tS
A, B, C, DN
A, B, C, DN+1
tD
tDIS
HIGH IMPEDANCE
tENA
W, X, Y, ZN-1
7
W, X, Y, ZN
CAN
CAN+1
CA1-0
OE
tHCT
tSCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com