Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMU18 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LMU18
Description  16 x 16-bit Parallel Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU18 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LMU18 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DEVICES INCORPORATED
LMU18
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.18-O
1
by the ENA and ENB controls. When
HIGH, these controls prevent appli-
cation of the clock to the respective
register. The TCA and TCB controls
specify the operands as two’s com-
plement when HIGH, or unsigned
magnitude when LOW.
RND is loaded on the rising edge of CLK,
providing either ENA or ENB are LOW.
RND, when HIGH, adds ‘1’ to the
most significant bit position of the
least significant half of the product.
Subsequent truncation of the 16 least
significant bits produces a result
correctly rounded to 16-bit precision.
At the output, the Right Shift control (RS)
selects either of two output formats. RS
LOW produces a 31-bit product with a
copy of the sign bit inserted in the MSB
postion of the least significant half. RS
HIGH gives a full 32-bit product. Two
16-bit output registers are provided to
hold the most and least significant
halves of the result (MSP and LSP) as
defined by RS. These registers are loaded
on the rising edge of CLK, subject to the
ENR control. When ENR is HIGH, clock-
ing of the result registers is prevented.
For asynchronous output these registers
may be made transparent by setting the
feed through control (FT) HIGH and
ENR LOW.
The two halves of the product may be
routed to a single 16-bit three-state
output port (MSP) via a multiplexer.
MSPSEL LOW causes the MSP outputs to
be driven by the most significant half of
the result. MSPSEL HIGH routes the
least significant half of the result to the
MSP pins. The MSB of the result is avail-
able in both true and complemented
form to aid implementation of higher
precision multipliers.
u
u
u
u
u 35 ns Worst-Case Multiply Time
u
u
u
u
u Low Power CMOS Technology
u
u
u
u
u Full 32-bit Output Port —
No Multiplexing Required
u
u
u
u
u Two’s Complement, Unsigned, or
Mixed Operands
u
u
u
u
u Three-State Outputs
u
u
u
u
u 84-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LMU18
16 x 16-bit Parallel Multiplier
DEVICES INCORPORATED
The LMU18 is a high-speed, low
power 16-bit parallel multiplier.
The LMU18 is an 84-pin device
which provides simultaneous access
to all outputs.
The LMU18 produces the 32-bit
product of two 16-bit numbers.
Data present at the A inputs, along
with the TCA control bit, is loaded
into the A register on the rising edge
of CLK. B data and the TCB control
bit are similarly loaded. Loading of
the A and B registers is controlled
LMU18 BLOCK DIAGRAM
A REGISTER
B REGISTER
REGISTER
RESULT
ENA
ENB
RND
FT
16
16
32
16
16
16
OEM
OEL
A15-0
R31-16
TCA
TCB
RS
ENR
FORMAT ADJUST
16
B15-0
MSPSEL
CLK
R31
R15-0


Similar Part No. - LMU18

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LMU1117 KEXIN-LMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
LOGIC Devices Incorpora...
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112JC25 LODEV-LMU112JC25 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112JC50 LODEV-LMU112JC50 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
LMU112PC25 LODEV-LMU112PC25 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
More results

Similar Description - LMU18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
April 1997
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
April 1997
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
16 x 16-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
16 X 16 BIT PARALLEL MULTIPLIERS
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com