Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMU18 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LMU18
Description  16 x 16-bit Parallel Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU18 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LMU18 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU18 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DEVICES INCORPORATED
LMU18
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.18-O
4
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
LMU18–
65*
45
35
20*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tMC
Clocked Multiply Time
65
45
35
20
tMUC
Unclocked Multiply Time
85
65
55
30
tPW
Clock Pulse Width
15
15
15
9
tS
Input Setup Time
15
15
12
11
tH
Input Hold Time
5
5
5
1
tD
Output Delay
30
30
28
18
tSEL
Output Select Delay
25
25
25
18
tENA
Three-State Output Enable Delay (Note 11)
2520
2018
tDIS
Three-State Output Disable Delay (Note 11)
2420
2018
SWITCHING CHARACTERISTICS
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
LMU18–
75*
55*
45*
25*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tMC
Clocked Multiply Time
75
55
45
25
tMUC
Unclocked Multiply Time
95
85
65
38
tPW
Clock Pulse Width
20
15
15
10
tS
Input Setup Time
15
15
12
12
tH
Input Hold Time
5
5
5
2
tD
Output Delay
35
35
33
20
tSEL
Output Select Delay
30
30
30
20
tENA
Three-State Output Enable Delay (Note 11)25
20
20
20
tDIS
Three-State Output Disable Delay (Note 11)24
20
20
20
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
SWITCHING WAVEFORMS
HIGH IMPEDANCE
INPUT
tENA
tDIS
tPW
tPW
tMC
tPW
tH
tS
CLOCK
OEM
OEL
R31-0
tD
tMUC
tSEL
MSPSEL
tH
tS
ENA, ENB
ENR
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com