Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH32 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LSH32
Description  32-bit Cascadable Barrel Shifter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LSH32 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LSH32 Datasheet HTML 1Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 2Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 3Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 4Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 5Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 6Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 7Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 8Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DEVICES INCORPORATED
LSH32
32-bit Cascadable Barrel Shifter
Special Arithmetic Functions
08/16/2000–LDS.32-Q
1
configured such that any contiguous
16-bit field (including wraparound of
the 32 inputs) may be presented to the
output pins under control of the shift
code field (wrap mode). Alterna-
tively, the wrap feature may be
disabled, resulting in zero or sign bit
fill, as appropriate (fill mode). The
shift code control assignments and the
resulting input to output mapping for
the wrap mode are shown in Table 1.
Essentially the LSH32 is configured as
a left shift device. That is, a shift code
of 000002 results in no shift of the
input field. A code of 000012 provides
an effective left shift of 1 position, etc.
When viewed as a right shift, the shift
code corresponds to the two’s com-
plement of the shift distance, i.e., a
shift code of 111112 (–110) results in a
right shift of one position, etc.
When not in the wrap mode, the
LSH32 fills bit positions for which
there is no corresponding input bit.
The fill value and the positions filled
depend on the RIGHT/LEFT (R/L)
direction pin. This pin is a don’t care
input when in wrap mode. For left
shifts in fill mode, lower bits are filled
with zero as shown in Table 2. For
right shifts, however, the SIGN input
is used as the fill value. Table 3
depicts the bits to be filled as a
function of shift code for the right shift
case. Note that the R/L input changes
only the fill convention, and does not
affect the definition of the shift code.
In fill mode, as in wrap mode, the shift
code input represents the number of
shift positions directly for left shifts,
but the two’s complement of the shift
code results in the equivalent right
shift. However, for fill mode the R/L
input can be viewed as the most
u
u
u
u
u 32-bit Input, 32-bit Output Multi-
plexed to 16 Lines
u
u
u
u
u Full 0-31 Position Barrel Shift
Capability
u
u
u
u
u Integral Priority Encoder for 32-bit
Floating Point Normalization
u
u
u
u
u Sign-Magnitude or Two’s Comple-
ment Mantissa Representation
u
u
u
u
u 32-bit Linear Shifts with Sign or
Zero Fill
u
u
u
u
u Independent Priority Encoder
Outputs for Block Floating Point
u
u
u
u
u 68-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LSH32
32-bit Cascadable Barrel Shifter
DEVICES INCORPORATED
The LSH32 is a 32-bit high speed
shifter designed for use in floating
point normalization, word pack/
unpack, field extraction, and similar
applications. It has 32 data inputs,
and 16 output lines. Any shift
configuration of the 32 inputs, includ-
ing circular (barrel) shifting, left shifts
with zero fill, and right shift with sign
extend are possible. In addition, a
built-in priority encoder is provided
to aid floating point normalization.
SHIFT ARRAY
The 32 inputs to the LSH32 are
applied to a 32-bit shift array. The 32
outputs of this array are multiplexed
down to 16 lines for presentation at
the device outputs. The array may be
LSH32 BLOCK DIAGRAM
16
OE
MS/LS
32-bit
BARREL
SHIFT
ARRAY
16
16
2:1
32:5
PRIORITY
ENCODE
32
5
32
SIGN I31-I0
NORM
RIGHT/LEFT
FILL/WRAP
5
Y15-Y0
SO4-SO0
SI4-SI0


Similar Part No. - LSH32

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LSH3 MCC-LSH3 Datasheet
390Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
LSH30 MCC-LSH30 Datasheet
390Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
logo
Rohm
LSH3004-AA10A ROHM-LSH3004-AA10A Datasheet
156Kb / 4P
Multi Line Sensor Heads for narrow-width scanners
LSH3004-AA10A ROHM-LSH3004-AA10A Datasheet
898Kb / 4P
Contact Image Sensor Heads for narrow-width scanners
LSH3004-AA10A ROHM-LSH3004-AA10A_11 Datasheet
898Kb / 4P
Contact Image Sensor Heads for narrow-width scanners
More results

Similar Description - LSH32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F350 PHILIPS-74F350 Datasheet
64Kb / 6P
4-bit shifter
March 20, 1989
logo
LOGIC Devices Incorpora...
LSH33 LODEV-LSH33 Datasheet
218Kb / 8P
32-bit Barrel Shifter with Registers
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
ALU and Barrel Shifter
PDSP1601MC MITEL-PDSP1601MC Datasheet
142Kb / 18P
ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601 ZARLINK-PDSP1601_98 Datasheet
121Kb / 16P
ALU and Barrel Shifter
PDSP1601MC ZARLINK-PDSP1601MC Datasheet
111Kb / 16P
ALU and Barrel Shifter
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601_96 Datasheet
171Kb / 18P
ALU and Barrel Shifter
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
6-Bit DIGITAL PHASE SHIFTER
PTM-84B-100B MERRIMAC-PTM-84B-100B Datasheet
125Kb / 2P
8-BIT DIGITAL PHASE SHIFTER
logo
Pasternack Enterprises,...
PE82P5003 PASTERNACK-PE82P5003 Datasheet
366Kb / 3P
8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com