Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH32 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LSH32
Description  32-bit Cascadable Barrel Shifter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LSH32 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

  LSH32 Datasheet HTML 1Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 2Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 3Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 4Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 5Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 6Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 7Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 8Page - LOGIC Devices Incorporated LSH32 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DEVICES INCORPORATED
LSH32
32-bit Cascadable Barrel Shifter
Special Arithmetic Functions
08/16/2000–LDS.32-Q
ffs6
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VOH
Output High Voltage
VCC = Min., IOH = –2.0 mA
2.4
V
VOL
Output Low Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
(Note 3)
0.0
0.8
V
IIX
Input Current
Ground
≤ VIN ≤ VCC (Note 12)
±20
µA
IOZ
Output Leakage Current
Ground
≤ VOUT ≤ VCC (Note 12)
±20
µA
ICC1
VCC Current, Dynamic
(Notes 5, 6)
10
30
mA
ICC2
VCC Current, Quiescent
(Note 7)
1.5
mA
Storage temperature ........................................................................................................... –65°C to +150°C
Operating ambient temperature ........................................................................................... –55°C to +125°C
VCC supply voltage with respect to ground ............................................................................ –0.5 V to +7.0V
Input signal with respect to ground ........................................................................................ –3.0 V to +7.0 V
Signal applied to high impedance output ............................................................................... –3.0 V to +7.0 V
Output current into low outputs ............................................................................................................. 25 mA
Latchup current ............................................................................................................................... > 400 mA
MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2, 3, 8)
OPERATING CONDITIONS To meet specified electrical and switching characteristics
ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 4)
Mode
Temperature Range (Ambient)
Supply
Voltage
Active Operation, Commercial
0°C to +70°C
4.75 V
≤ VCC ≤ 5.25 V
Active Operation, Military
–55°C to +125°C
4.50 V
≤ VCC ≤ 5.50 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com