Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH32JC20 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # LSH32JC20
Description  32-bit Cascadable Barrel Shifter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LSH32JC20 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  LSH32JC20 Datasheet HTML 1Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 2Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 3Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 4Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 5Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 6Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 7Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 8Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DEVICES INCORPORATED
LSH32
32-bit Cascadable Barrel Shifter
Special Arithmetic Functions
08/16/2000–LDS.32-Q
3
NORMALIZE MULTIPLXER
The NORM input, when asserted
results in the priority encoder output
driving the internal shift code inputs
directly. It is exactly equivalent to
routing the SO4–SO0 outputs back to
the SI4–SI0 inputs. The NORM input
provides faster normalization of 32-bit
data by avoiding the delay associated
with routing the shift code off chip.
When using the NORM function, the
LSH32 should be placed in fill mode,
with the R/L input low.
APPLICATIONS EXAMPLES
Normalization of mantissas up to 32
bits can be accomplished directly by a
single LSH32. The NORM input is
asserted, and fill mode and left shift
are selected. The normalized mantissa
is then available at the device output
in two 16-bit segments, under the
control of the output data multiplexer
select, the MS/LS.
If it is desirable to avoid the necessity
of multiplexing output data in 16-bit
segments, two LSH32 devices can be
used in parallel. Both devices receive
the same input word, with the MS/LS
select line of one wired high, and the
other low. Each device will then
independently determine the shift
distance required for normalization,
and the full 32 bits of output data will
be available simultaneously.
TABLE 3.
FILL MODE SHIFT CODE DEFINITIONS — RIGHT SHIFT
TABLE 4.
PRIORITY ENCODER FUNCTION TABLE
I
I
I
I
I31
31
31
31
31
I
I
I
I
I30
30
30
30
30
I
I
I
I
I29
29
29
29
29
•••
•••
•••
•••
•••
I
I
I
I
I16
16
16
16
16
I
I
I
I
I15
15
15
15
15
•••
•••
•••
•••
•••
I
I
I
I
I2
2
2
2
2
I
I
I
I
I1
1
1
1
1
I
I
I
I
I0
0
0
0
0
Shift Code
Shift Code
Shift Code
Shift Code
Shift Code
1X
X
•••
XX
•••
X
X
X
00000
01
X
•••
XX
•••
X
X
X
00001
001
•••
XX
•••
X
X
X
00010
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
•
000
•••
1X
•••
X
X
X
01111
000
•••
01
•••
X
X
X
10000
000
•••
00
•••
X
X
X
10001
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
•
000
•••
00
•••
0
1
X
11110
000
•••
00
•••
0
0
1
11111
000
•••
00
•••
0
0
0
11111
Shift Code
Shift Code
Shift Code
Shift Code
Shift Code
Y
Y
Y
Y
Y 31
31
31
31
31
Y
Y
Y
Y
Y 30
30
30
30
30
Y
Y
Y
Y
Y 29
29
29
29
29
•••
•••
•••
•••
•••
Y
Y
Y
Y
Y 16
16
16
16
16
Y
Y
Y
Y
Y 15
15
15
15
15
•••
Y
Y
Y
Y
Y2
2
2
2
2
Y
Y
Y
Y
Y1
1
1
1
1
Y
Y
Y
Y
Y0
0
0
0
0
00000
S
S
S
•••
SS
•••
SSS
00001
S
S
S
•••
SS
•••
SS
I31
00010
S
S
S
•••
SS
•••
SI31
I30
00011
S
S
S
•••
SS
•••
I31
I30
I29
•
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
01111
S
S
S
•••
SS
•••
I19
I18
I17
10000
S
S
S
•••
SI31
•••
I18
I17
I16
10001
S
S
S
•••
I31
I30
•••
I17
I16
I15
10010
S
S
S
•••
I30
I29
•••
I16
I15
I14
•
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
•
•••
••••
•
•••
•••
11100
S
S
S
•••
I20
I19
•••
I6
I5
I4
11101
S
S
S
•••
I19
I18
•••
I5
I4
I3
11110
S
S
I31
•••
I18
I17
•••
I4
I3
I2
11111
S
I31
I30
•••
I17
I16
•••
I3
I2
I1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com