Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH32JC20 Datasheet(PDF) 7 Page - LOGIC Devices Incorporated

Part # LSH32JC20
Description  32-bit Cascadable Barrel Shifter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LSH32JC20 Datasheet(HTML) 7 Page - LOGIC Devices Incorporated

  LSH32JC20 Datasheet HTML 1Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 2Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 3Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 4Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 5Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 6Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 7Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 8Page - LOGIC Devices Incorporated LSH32JC20 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DEVICES INCORPORATED
LSH32
32-bit Cascadable Barrel Shifter
Special Arithmetic Functions
08/16/2000–LDS.32-Q
7
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
LSH32–
42*
32
20
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tIY
I, SIGN Inputs to Y Outputs
42
32
20
tIYN
I, SIGN Inputs to Y Outputs, Normalize Mode
75
60
20
tISO
I, SIGN Inputs to SO Outputs
55
42
20
tSIY
SI, RIGHT/LEFT to Y Outputs
52
40
20
tMSY
MS/LS Select to Y Outputs
28
24
15
tDIS
Three-State Output Disable Delay (Note 11)
20
20
15
tENA
Three-State Output Enable Delay (Note 11)
20
20
15
SWITCHING CHARACTERISTICS
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
LSH32–
50*
40*
30*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tIY
I, SIGN Inputs to Y Outputs
50
40
30
tIYN
I, SIGN Inputs to Y Outputs, Normalize Mode
85
75
58
tISO
I, SIGN Inputs to SO Outputs
65
52
42
tSIY
SI, RIGHT/LEFT to Y Outputs
62
52
40
tMSY
MS/LS Select to Y Outputs
32
26
24
tDIS
Three-State Output Disable Delay (Note 11)
22
20
17
tENA
Three-State Output Enable Delay (Note 11)
22
20
17
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE
HIGH IMPEDANCE
SIGN
tENA
tDIS
MS/LS
OE
tMSY
tSIY
tIY, tIYN
tISO
SI4
-SI0
RIGHT/LEFT
I31
-I0
SO4
-SO0
Y31
-Y0
Y31
-Y0
SWITCHING WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com