Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS176 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # 1SS176
Description  SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1SS176 Datasheet(HTML) 3 Page - Leshan Radio Company

  1SS176 Datasheet HTML 1Page - Leshan Radio Company 1SS176 Datasheet HTML 2Page - Leshan Radio Company 1SS176 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
7B–3/3
1SS110
1SS265
35
35
2.
BAND SWITCHING DIODES
TYPE
V RM (V)
I F (mA)
I O (mA)
P (mW)
T j (°C)
T stg(°C)
Package
100
100
150
150
125
125
-55~+125
-55~+125
DO - 34
ABSOLUTE MAXIMUM RATINGS
TYPE
V
FMAX(v)
@I
F=10mA
1.0
@I F=10mA
1.0
ELECTRICAL CHARACTERISTICS
C t (pF) max
R f (
Ω)
max
@ V
R=25V
0.1
@ V
R=20V
0.1
@ V
R=0 f =1MHz
1.2
@ V
R=0 f =1MHz
1.5
IRMax (
µA)
V
(BR)R(v) Min
@I
R=10 µA
35
I F =2mA
f =100MHz
0.9
I F =10mA
f =100MHz
0.6
1SS110
1SS265
L S(nH)
@ f =250MHz
3
DO – 34
(mm)
Φ1.8 ± 0.02
29 ± 1
2.7 ± 0.3
29 ± 1
Φ0.4 ± 0.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com