Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS176 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 1SS176
Description  SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1SS176 Datasheet(HTML) 2 Page - Leshan Radio Company

  1SS176 Datasheet HTML 1Page - Leshan Radio Company 1SS176 Datasheet HTML 2Page - Leshan Radio Company 1SS176 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
7B–2/3
1N4148
1N4148 RATING AND CHARACTERISTIC CURVES
I F – V F
FORWARD VOLTAGE VF (V)
0
50
100
150
200
250
800
600
400
200
0
AMBIENT TEMPERATURE,Ta (°C)
P - Ta
300
100
50
30
10
5
3
1
0.5
0.3
0.1
0.2
0.4
0.6
0.8
1.0
106
105
104
103
102
10
1
I R – V R
0
25
50
75
100
125
REVERSE VOLTAGE VR
Ta=150°C
Ta=125°C
Ta=100°C
Ta=75°C
Ta=50°C
Ta=25°C
Ta=0°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com