Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904FZ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBT3904FZ
Description  40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904FZ Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBT3904FZ Datasheet HTML 1Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 2Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 3Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 4Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 5Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 6Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMBT3904FZ
Document number: DS37160 Rev. 1 - 2
2 of 7
www.diodes.com
October 2014
© Diodes Incorporated
MMBT3904FZ
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
200
mA
Peak Pulse Collector Current
ICM
500
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
270
mW
(Note 6)
925
Thermal Resistance, Junction to Ambient
(Note 5)
RJA
465
°C/W
(Note 6)
135
Thermal Resistance, Junction to Lead
(Note 7)
RJL
135
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
200
V
B
Notes:
5. For the device mounted on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured
under still air conditions whilst operating in steady state condition. The entire exposed collector pad is attached to the heatsink.
6. Same as Note 5, except the exposed collector pad is mounted on 25mm x 25mm 2oz copper.
7. Thermal resistance from junction to solder-point (on the exposed collector pad).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com