Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904FZ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBT3904FZ
Description  40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904FZ Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBT3904FZ Datasheet HTML 1Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 2Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 3Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 4Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 5Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 6Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBT3904FZ
Document number: DS37160 Rev. 1 - 2
4 of 7
www.diodes.com
October 2014
© Diodes Incorporated
MMBT3904FZ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
60
—
V
IC = 100µA, IE = 0
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
40
—
V
IC = 10.0mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6.0
—
V
IE = 100µA, IC = 0
Collector Cutoff Current
ICEX
—
50
nA
VCE = 30V, VEB(OFF) = 3.0V
Base Cutoff Current
IBL
—
50
nA
VCE = 30V, VEB(OFF) = 3.0V
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
40
70
100
60
30
—
—
300
—
—
—
IC = 100µA, VCE = 1.0V
IC = 1.0mA, VCE = 1.0V
IC = 10mA, VCE = 1.0V
IC = 50mA, VCE = 1.0V
IC = 100mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(sat)
—
0.20
0.30
V
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
0.65
—
0.85
0.95
V
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
—
4.0
pF
VCB = 5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
—
9.5
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
300
—
MHz
VCE = 20V, IC = 10mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
—
35
ns
VCC = 3.0V, IC = 10mA,
VBE(off) = - 0.5V, IB1 = 1.0mA
Rise Time
tr
—
35
ns
Storage Time
ts
—
200
ns
VCC = 3.0V, IC = 10mA,
IB1 = IB2 = 1.0mA
Fall Time
tf
—
50
ns
Note:
9. Measured under pulsed conditions. Pulse width
 300µs. Duty cycle  2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com