Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF07N50T Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SDF07N50T
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF07N50T Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SDF07N50T Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
TO-220F Package.
N-Channel Enhancement Mode Field Effect Transistor
www.samhop.com.tw
Dec,31,2013
1
Details are subject to change without notice.
S
G
D
Ver 2.1
G D S
SDF SERIES
TO-220F
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (
Ω) Typ
7A
500V
1.2 @ VGS=10V
Symbol
VDS
VGS
IDM
W
A
PD
°C
-55 to 175
ID
Units
Parameter
500
V
V
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
Drain Current-Continuous
-Pulsed
a
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
TC=25°C
7.0
20
±30
TC=100°C
A
4.9
W
TC=100°C
°C/W
Thermal Resistance, Junction-to-Case
R JC
a
EAS
Single Pulse Avalanche Energy
c
mJ
225
31
16
62.5
4.8
SDF07N50T
ORDERING INFORMATION
Ordering Code
Package
Marking Code
Delivery Mode
RoHS Status
SDF07N50PT
TO-220F
07N50T
Tube
Pb Free
Limit


Similar Part No. - SDF07N50T

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SDF07N50T DOINGTER-SDF07N50T Datasheet
979Kb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - SDF07N50T

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com