Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF07N50T Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDF07N50T
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF07N50T Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDF07N50T Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF07N50T Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
F igure 8. B ody Diode F orwa rd V olta e
V a ria tion with S ource C urrent
V SD, B ody Diode F orward V oltage (V )
V GS , G ate- S ource Voltage (V )
F igure 7. On-R es is tance vs .
G ate-S ource V oltage
F igure 10. G a te C ha rge
Q g, T otal G ate Charge (nC)
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
Ver 2.1
www.samhop.com.tw
Dec,31,2013
4
6
5
4
3
2
1
0
10
0
25 C
ID= 3.5A
75 C
125 C
0
25 C
75 C
10
8
6
4
2
0
V DS =250V
ID= 1A
g
125 C
Ciss
Coss
Crss
V DS , Drain-S ource V oltage (V )
1
20
10
5
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
0
1000
800
600
400
200
1200
Figure 11a. Maximum Safe Operating
Area for SDF07N50T
0
12
3
4
56
78
0.03
0.1
1
10
1000
100
10
1
0.1
SDF07N50T
6
8
24
VGS = 10V
Single Pulse
TC = 25 C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com