Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BAS516
Description  High-speed diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BAS516 Datasheet(HTML) 1 Page - Leshan Radio Company

  BAS516 Datasheet HTML 1Page - Leshan Radio Company BAS516 Datasheet HTML 2Page - Leshan Radio Company BAS516 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
S29–1/2
High-speed diode
SOD523 SC-79
1
2
BAS516
2
ANODE
1
CATHODE
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V RRM
repetitive peak reverse voltage
85
V
V R
continuous reverse voltage
75
V
I F
continuous forward current
T s =90°C; note 1; see Fig.1
250
mA
I FRM
repetitive peak forward current
500
mA
I FSM
non-repetitive peak forward current
square wave; T j =25°C prior to
surge; see Fig.3
t =1
µs–
4
A
t =1 ms
1
A
t =1 s
0.5
A
P tot
total power dissipation
T s =90°C; note 1
500
mW
T stg
storage temperature
-65
+150
°C
T j
junction temperature
150
°C
Note
1. Ts is the temperature at the soldering point of the cathode tab.
ELECTRICAL CHARACTERISTICS T j =25°C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
V F
forward voltage
see Fig.2 I F = 1 mA
715
mV
I F = 10 mA
855
mV
I F =50 mA
1
V
I F = 150 mA
1.25
V
I R
reverse current
see Fig.4 V R = 25 V
30
nA
V R =75 V
1
µA
V R = 25 V; T j = 150 °C
30
µA
V R = 75 V; T j = 150 °C;
50
µA
C d
diode capacitance
f = 1 MHz; V R = 0; see Fig.5
1
pF
t rr
reverse recovery time
when switched from I F=10mA to I R= 10mA;
4n s
R L= 100
Ω; measured at I
R = 1 mA; see Fig.6
V fr
forward recovery voltage
when switched from IF = 10 mA; tr = 20 ns; see Fig.7
1.75
V
THERMALCHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
R th j-s
thermalresistancefromjunctiontosolderingpoint
note 1
120
K/W
Note
1. Soldering point of the cathode tab.
FEATURES
· Ultra small plastic SMD package
· High switching speed: max. 4 ns
· Continuous reverse voltage: max. 75 V
· Repetitive peak reverse voltage: max. 85 V
· Repetitive peak forward current: max. 500 mA.
APPLICATIONS
· High-speed switching in e.g. surface mounted
circuits.
DESCRIPTION
The BAS516 is a high-speed
switching diode fabricated in
planar technology, and
encapsulated in the SOD523
(SC79) SMD plastic package.


Similar Part No. - BAS516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
High-speed diode
1998 Aug 31
logo
Jiangsu Changjiang Elec...
BAS516 JIANGSU-BAS516 Datasheet
109Kb / 3P
Switching Diodes
logo
TRANSYS Electronics Lim...
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
BAS516 BILIN-BAS516 Datasheet
188Kb / 4P
High Speed Switching Diode
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
More results

Similar Description - BAS516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
High-speed diode
1996 Sep 10
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
HIGH SPEED DIODE
logo
NXP Semiconductors
PMBD6050,215 NXP-PMBD6050,215 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
High-speed diode
LBAS516T1G LRC-LBAS516T1G_15 Datasheet
204Kb / 4P
High-speed Diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
High-speed diode
2004 Jan 14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com